Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30L06 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH30L06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30L06 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STTH30L06 Datasheet HTML 2Page - STMicroelectronics STTH30L06 Datasheet HTML 3Page - STMicroelectronics STTH30L06 Datasheet HTML 4Page - STMicroelectronics STTH30L06 Datasheet HTML 5Page - STMicroelectronics STTH30L06 Datasheet HTML 6Page - STMicroelectronics STTH30L06 Datasheet HTML 7Page - STMicroelectronics STTH30L06 Datasheet HTML 8Page - STMicroelectronics STTH30L06 Datasheet HTML 9Page - STMicroelectronics STTH30L06 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
STTH30L06
8/10
Table 8.
DOP3I dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
b
1.20
1.40
0.047
0.055
c
1.45
1.55
0.057
0.061
c1
0.50
0.70
0.020
0.028
D
12.15
13.10
0.474
0.516
E
15.10
15.50
0.594
0.610
E1
7.55
7.75
0.297
0.305
e
10.80
11.30
0.425
0.445
G
20.4
21.10
0.815
0.831
L
14.35
15.60
0.565
0.614
P
4.08
4.17
0.161
0.164
Q
2.70
2.90
0.106
0.114
R
4.60 typ.
0.181 typ.
Y
15.80
16.50
0.622
0.650
R
E
E1
G
Y
D
Q
c1
c
A
L
e
b
ØP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com