Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8956 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8956
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8956 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 2Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
w
Product Brief WM8956
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and
Headphone Drivers
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Preliminary Technical Data , September 2006, Rev 2.1
Copyright
2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8956 is a low power, high quality stereo DAC designed
for portable multimedia applications.
Stereo class D speaker drivers provide 1W per channel into 8
Ω
loads with a 5V supply. Low leakage, excellent PSRR and
pop/click suppression mechanisms also allow direct battery
connection to the speaker supply. Flexible speaker boost
settings allow speaker output power to be maximised while
minimising other analogue supply currents.
A highly flexible input configuration for up to three stereo
sources is integrated, with a complete microphone interface.
External component requirements are drastically reduced as no
separate microphone, speaker or headphone amplifiers are
required.
Stereo 24-bit sigma-delta DACs are used with low power over-
sampling digital interpolation filters and a flexible digital audio
interface.
The master clock can be input directly or generated internally by
an onboard PLL, supporting most commonly-used clocking
schemes.
The WM8956 operates at analogue supply voltages down to
2.7V, although the digital supplies can operate at voltages down
to 1.71V to save power. The speaker supply can operate at up
to 5.5V, providing 1W per channel into 8
Ω loads. Unused
functions can be disabled using software control to save power.
The WM8956 is supplied in a very small and thin 5x5mm QFN
package, ideal for use in hand-held and portable systems.
FEATURES
•
DAC SNR 98dB (‘A’ weighted), THD -84dB at 48kHz, 3.3V
•
Pop and click suppression
•
3D Enhancement
•
Stereo Class D Speaker Driver
-
<0.1% THD with 1W per channel into 8
Ω BTL speakers
-
70dB PSRR @217Hz
-
87% efficiency (1W output)
-
Flexible internal switching clock
•
On-chip Headphone Driver
-
40mW output power into 16
Ω at 3.3V
-
Capless mode support
-
THD -75dB at 20mW, SNR 90dB with 16
Ω load
•
Microphone Interface
-
Pseudo differential for high noise immunity
-
Integrated low noise MICBIAS
•
Low Power Consumption
-
10mW headphone playback (2.7V / 1.8V supplies)
•
Low Supply Voltages
-
Analogue 2.7V to 3.6V (Speaker supply up to 5.5V)
-
Digital core and I/O: 1.71V to 3.6V
•
On-chip PLL provides flexible clocking scheme
•
Sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48
•
5x5x0.9mm QFN package
APPLICATIONS
•
Mobile multimedia
•
Portable media / DVD players
•
Games consoles


Similar Part No. - WM8956

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Cirrus Logic
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
logo
Wolfson Microelectronic...
WM8956CGEFL/RV WOLFSON-WM8956CGEFL/RV Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956CGEFL/V WOLFSON-WM8956CGEFL/V Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956GEFL WOLFSON-WM8956GEFL Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
More results

Similar Description - WM8956

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Rohm
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
1W1W Stereo Speaker / Headphone Amplifier
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
logo
Cirrus Logic
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com