Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8960 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8960_06 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
ACGAIN
[2:0]
000
(1.0x)
AC Speaker Boost (Boosts speaker AC
output signal by up to 1.8 x on left and
right channels)
000 = 1.00x boost (+0dB)
001 = 1.27x boost (+2.1dB)
010 = 1.40x boost (+2.9dB)
011 = 1.52x boost (+3.6dB)
100 = 1.67x boost (+4.5dB)
101 = 1.8x boost (+5.1dB)
110 to 111 = Reserved
Table 25 SPK_L/SPK_R Volume and Speaker Boost Control
To prevent pop noise, DCGAIN and ACGAIN should not be modified while the speaker outputs are
enabled.
To avoid clipping at speaker ground, ACGAIN should not be greater than DCGAIN.
To avoid clipping at speaker supply, SPKVDD1 and SPKVDD2 must be high enough to support the
peak output voltage when using DCGAIN and ACGAIN functions. The peak output voltage is
AVDD*(DCGAIN+ACGAIN)/2.
DCGAIN should normally be set to the same value as ACGAIN.
See "Volume Updates" for more information on volume update bits, zero cross and timeout
operation.
See "Class D Speaker Outputs" for more information on class D speaker operation.
OUT3 OUTPUT
The OUT3 pin can drive a 16
Ω or 32Ω headphone or a line output or be used as a pseudo-ground for
capless headphone drive (see Headphone Output section). It can also drive out a mono mix of left
and right output mixers (See Output Signal Path).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com