Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8960GEFL/V Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8960GEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
WM8960
Preliminary Technical Data
w
PTD, September 2006, Rev 2.0
8
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = SPKVDD1 = SPKVDD2 = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain =
0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Headphone Output (HP_L, HP_R, using capacitors unless otherwise specified)
Output Power per channel
PO
Output power is very closely correlated with THD; see below.
AVDD=2.7V, RL=32
Ω
PO=5mW
0.013
-78
AVDD=2.7V, RL=16
Ω
PO=5mW
0.018
-75
AVDD=3.3V, RL=32
Ω,
PO=20mW
0.025
-72
AVDD=3.3V, RL=16
Ω,
PO=20mW
0.032
-70
AVDD=2.7V, RL=32
Ω
PO=5mW; Capless mode
0.013
-78
AVDD=2.7V, RL=16
Ω
PO=5mW; Capless mode
0.018
-75
AVDD=3.3V, RL=32
Ω,
PO=20mW; Capless mode
0.025
-72
Total Harmonic Distortion Plus
Noise
THD+N
AVDD=3.3V, RL=16
Ω,
PO=20mW; Capless mode
0.032
-70
%
dB
AVDD = 3.3V
92
99
AVDD = 2.7V
98
AVDD = 3.3V;
Capless mode
92
99
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 2.7V;
Capless mode
98
dB
Speaker Outputs (DAC to SPK_LP, SPK_LN, SPK_RP, SPK_RN with 8
Ω bridge tied load)
Output Power
PO
Output power is very closely correlated with THD; see below
PO =200mW, RL = 8
Ω,
SPKVDD1=SPKVDD2
=3.3V; AVDD=3.3V
0.01
-80
%
dB
PO =320mW, RL = 8
Ω,
SPKVDD1=SPKVDD2
=3.3V; AVDD=3.3V
0.03
-72
%
dB
PO =500mW, RL = 8
Ω,
SPKVDD1=SPKVDD2
=5V; AVDD=3.3V
0.011
-79
%
dB
Total Harmonic Distortion Plus
Noise
(DAC to speaker outputs)
THD+N
PO =1W, RL = 8
Ω,
SPKVDD1=SPKVDD2
=5V; AVDD=3.3V
0.03
-71
%
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com