Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8960GEFL/RV Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8960GEFL/RV
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/RV Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/RV Datasheet HTML 80Page - Wolfson Microelectronics plc WM8960GEFL/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8960GEFL/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8960GEFL/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8960GEFL/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8960GEFL/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8960GEFL/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8960GEFL/RV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8960GEFL/RV Datasheet HTML 88Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
85
Figure 50 Speaker Equivalent Circuit
PCB LAYOUT CONSIDERATIONS
The efficiency of the speaker drivers is affected by the series resistance between the WM8960 and
the speaker (e.g. inductor ESR) as shown in Figure 51. This resistance should be as low as possible
to maximise efficiency.
Figure 51 Speaker Connection Losses
The distance between the WM8960 and the speakers should be kept to a minimum to reduce series
resistance, and also to reduce EMI. Further reductions in EMI can be achieved by additional passive
filtering and/or shielding as shown in Figure 52. When additional passive filtering is used, low ESR
components should be chosen to minimise series resistance between the WM8960 and the speaker,
maximising efficiency.
LC passive filtering will usually be effective at reducing EMI at frequencies up to around 30MHz. To
reduce emissions at higher frequencies, ferrite beads placed as close to the device as possible will
be more effective.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com