Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8974GEFL/V Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
65
REGISTER MAP
ADDR
B[15:9]
DEF’T
VAL
DEC HEX
REGISTER
NAME
B8
B7
B6
B5
B4
B3
B2
B1
B0
(HEX)
0
00
Software Reset
Software reset
1
01
Power manage’t
1
BUFDCOP
EN
0
AUXEN
PLLEN
MICBEN
BIASEN
BUFIOEN
VMIDSEL
000
2
02
Power manage’t
2
0
0
0
0
BOOSTEN
0
INPPGAEN
0
ADCEN
000
3
03
Power manage’t
3
0
MONOEN
SPKNEN
SPKPEN
0
MONO
MIXEN
SPK
MIXEN
0
DACEN
000
4
04
Audio Interface
BCP
FRAMEP
WL
FMT
DACLRSW
AP
ADCLRSW
AP
0
050
5
05
Companding ctrl
0
0
0
0
DAC_COMP
ADC_COMP
LOOPBACK
000
6
06
Clock Gen ctrl
CLKSEL
MCLKDIV
BCLKDIV
0
MS
140
7
07
Additional ctrl
0
0
0
0
0
SR
SLOWCLKE
N
000
8
08
GPIO
0
0
0
OPCLKDIV
GPIOPOL
GPIOSEL
000
10
0A
DAC Control
0
0
DACMU
DEEMPH
DACOSR
128
AMUTE
0
DACPOL
000
11
0B
DAC digital Vol
0
DACVOL
0FF
14
0E
ADC Control
HPFEN
HPFAPP
HPFCUT
ADCOSR
128
0
0
ADCPOL
100
15
0F
ADC Digital Vol
0
ADCVOL
0FF
18
12
EQ1 – low shelf
EQMODE
0
EQ1C
EQ1G
12C
19
13
EQ2 – peak 1
EQ2BW
0
EQ2C
EQ2G
02C
20
14
EQ3 – peak 2
EQ3BW
0
EQ3C
EQ3G
02C
21
15
EQ4 – peak 3
EQ4BW
0
EQ4C
EQ4G
02C
22
16
EQ5 – high shelf
0
0
EQ5C
EQ5G
02C
24
18
DAC Limiter 1
LIMEN
LIMDCY
LIMATK
032
25
19
DAC Limiter 2
0
0
LIMLVL
LIMBOOST
000
27
1B
Notch Filter 1
NFU
NFEN
NFA0[13:7]
000
28
1C
Notch Filter 2
NFU
0
NFA0[6:0]
000
29
1D
Notch Filter 3
NFU
0
NFA1[13:7]
000
30
1E
Notch Filter 4
NFU
0
NFA1[6:0]
000
32
20
ALC control 1
ALCSEL
0
0
ALCMAX
ALCMIN
038
33
21
ALC control 2
ALCZC
ALCHLD
ALCLVL
00B
34
22
ALC control 3
ALCMODE
ALCDCY
ALCATK
032
35
23
Noise Gate
0
0
0
0
0
NGEN
NGTH
000
36
24
PLL N
0
0
0
0
PLLPRE
SCALE
PLLN[3:0]
008
37
25
PLL K 1
0
0
0
PLLK[23:18]
00C
38
26
PLL K 2
PLLK[17:9]
093
39
27
PLL K 3
PLLK[8:0]
0E9
40
28
Attenuation ctrl
0
0
0
0
0
0
MONOATT
N
SPKATTN
0
000
44
2C
Input ctrl
MBVSEL
0
0
0
0
AUXMODE
AUX2
INPPGA
MICN2
INPPGA
MICP2
INPPGA
003
45
2D
INP PGA gain ctrl
0
INPPGAZC
INPPGA
MUTE
INPPGAVOL
010
47
2F
ADC Boost ctrl
PGABOOST
0
MICP2BOOSTVOL
0
AUX2BOOSTVOL
000
49
31
Output ctrl
0
0
0
0
0
MONO
BOOST
SPK
BOOST
TSDEN
VROI
002
50
32
SPK mixer ctrl
0
0
0
AUX2SPK
0
0
0
BYP2SPK
DAC2SPK
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com