| Electronic Components Datasheet Search |
|
A1373EKB Datasheet(PDF) 21 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A1373EKB Datasheet(HTML) 21 Page - Allegro MicroSystems |
|
21 / 22 page ![]() High Precision, Output Pin Programmable Linear Hall Effect Sensors A1373 and A1374 21 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com This example demonstrates the programming of the devices by setting the register for Sensitivity Temperature Coefficient to 00110. 1. Power-on the system. This will reset the unprogrammed bits in all registers to 0. The device enters the Initial state. 2. Send one VPH pulse to enter the Mode Selection state. 3. Send one VPL pulse to select Try Value mode. 4. Send one VPH pulse to enter the Register Selection state. 5. Send four VPL pulses to select the TC register. 6. Send one VPH pulse to enter Bitfield Selection state (Write mode). The TC register is reset to 00000 (assuming all of those bitfields have intact fuses). 7. Send five VPL pulses to set bitfields 0 and 2 (00101). Now we can measure the device output to see if this is the desired value. We may find that the value we programmed is not correct. So we will proceed to change it, as follows: 8. Send one VPL pulse to increase the code to 6 (setting bitfields 1 and 2: 00110). We measure the device and find that this is the correct TC we require. We are finished with trying values, and now want to set the value permanently. In the following steps, remember that blowing fuses is done one bit at a time. 9. Send one VPH pulse to exit Bitfield Selection mode. (The device returns to the Mode Selection state.) 10. RESET the device by powering it off and on. 11. Send one VPH pulse to enter the Mode Selection state. 12. Send two VPL pulses to select Blow Fuse mode. Programming Example 13. Send one VPH pulse to enter the Register Selection state. 14. Send four VPL pulses to select the TC register. 15. Send one VPH pulse to enter Bitfield Selection state (Write Mode). The TC register is reset to 00000. 16. Send four VPL pulses to set bit 2 (00100, decimal 4). 17. Send one VPH pulse to exit Bitfield Selection state. The bitfield fuse is blown, and the device returns to the Mode Selection state. One of the two bitfields is programmed. Now we program the other bitfield. 18. Repeat steps 10 to 15 to select the TC register again. This time, however, the register resets to 00100, because bit 2 has been permanently set. 19. Send two VPL pulses to set bit 1 (00010, decimal 2). 20. Send one VPH pulse to exit Bitfield Selection state. The bitfield fuse is blown, and the device returns to the Mode Selection state. After repeating the above steps to program all parameters, we can lock the device: 21. RESET the device by powering it off and on. 22. Send one VPH pulse to enter the Mode Selection state. 23. Send three VPL pulses to select Lock Device mode. 24. Send one VPH pulse to enter the Bitfield Selection state. (We do not need to select a register for locking the device). 25. Send one VPL pulse to set the Lock bit to 1. 26. Send one VPH pulse to exit Bitfield Selection state. The bitfield fuse is blown, and the device returns to the Mode Selection state. 27. Programming the device is complete. Optionally, test the results, or power-off the device. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |