Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8976GEFL/RV Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/RV
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/RV Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8976GEFL/RV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
w
WM8976
Stereo CODEC With Speaker Driver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Pre-Production, April 2006, Rev 3.0
Copyright
2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8976 is a low power, high quality CODEC designed for
portable applications such as multimedia phone, digital still
camera or digital camcorder.
The device integrates a preamp for differential microphone, and
includes drivers for speakers, headphone and differential or
stereo line output. External component requirements are
reduced as no separate microphone or headphone amplifiers
are required.
Advanced on-chip digital signal processing includes a 5-band
equaliser, a mixed signal Automatic Level Control for the
microphone or line input through the ADC as well as a purely
digital limiter function for record or playback. Additional digital
filtering options are available in the ADC path, to cater for
application filtering such as ‘wind noise reduction’.
The WM8976 digital audio interface can operate as a master or
a slave. An internal PLL can generate all required audio clocks
for the CODEC from common reference clock frequencies, such
as 12MHz and 13MHz.
The WM8976 operates at analogue supply voltages from 2.5V
to 3.3V, although the digital core can operate at voltages down
to 1.71V to save power. The speaker outputs and OUT3/4 line
outputs can run from a 5V supply if increased output power is
required. Individual sections of the chip can also be powered
down under software control.
FEATURES
Stereo CODEC:
•
DAC SNR 98dB, THD -84dB (‘A’ weighted @ 48kHz)
•
ADC SNR 95dB, THD -84dB (‘A’ weighted @ 48kHz)
•
On-chip Headphone Driver with ‘capless’ option
-
40mW per channel into 16
Ω / 3.3V SPKVDD
•
0.9W output power into 8
Ω BTL speaker / 5V SPKVDD
-
Capable of driving piezo speakers
-
Stereo speaker drive configuration
Mic Preamps:
•
Differential or single-ended microphone interfaces
-
Programmable preamp gain
-
Psuedo differential input with common mode rejection
-
Programmable ALC / Noise Gate in ADC path
•
Low-noise bias supplied for electret microphone
Other Features:
•
Enhanced 3-D function for improved stereo separation
•
Digital playback limiter
•
5-band Equaliser (record or playback)
•
Programmable ADC High Pass Filter (wind noise reduction)
•
Programmable ADC Notch Filter
•
Aux inputs for stereo analog input signals or ‘beep’
•
On-chip PLL supporting 12, 13, 19.2MHz and other clocks
•
Support for 8, 11.025, 12, 16, 22.05, 24, 32, 44.1 and
48kHz sample rates
•
Low power, low voltage
-
2.5V to 3.6V (digital: 1.71V to 3.6V)
•
5x5mm 32-lead QFN package
APPLICATIONS
•
Stereo Camcorder or DSC
•
Multimedia Phone


Similar Part No. - WM8976GEFL/RV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8976GEFL/RV WOLFSON-WM8976GEFL/RV Datasheet
1Mb / 83P
Low Power CODEC With Speaker Driver
More results

Similar Description - WM8976GEFL/RV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
STEREO CODEC WITH SPEAKER DRIVER
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
Stereo CODEC with Speaker Driver
WM8980 WOLFSON-WM8980_12 Datasheet
1Mb / 123P
Stereo CODEC with Speaker Driver and Video Buffer
logo
Nuvoton Technology Corp...
NAU8822 NUVOTON-NAU8822 Datasheet
2Mb / 91P
24-bit Stereo Audio Codec with Speaker Driver
NAU88C22 NUVOTON-NAU88C22 Datasheet
3Mb / 101P
24-bit Stereo Audio Codec with Speaker Driver
WAU8822 NUVOTON-WAU8822 Datasheet
942Kb / 21P
24-bit Stereo Audio Codec with Speaker Driver
NAU88U22A NUVOTON-NAU88U22A Datasheet
2Mb / 96P
24-bit Stereo Audio Codec with Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com