Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9705 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC??7 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM9705_06 Datasheet HTML 45Page - Wolfson Microelectronics plc WM9705_06 Datasheet HTML 46Page - Wolfson Microelectronics plc WM9705_06 Datasheet HTML 47Page - Wolfson Microelectronics plc WM9705_06 Datasheet HTML 48Page - Wolfson Microelectronics plc WM9705_06 Datasheet HTML 49Page - Wolfson Microelectronics plc WM9705_06 Datasheet HTML 50Page - Wolfson Microelectronics plc WM9705_06 Datasheet HTML 51Page - Wolfson Microelectronics plc WM9705_06 Datasheet HTML 52Page - Wolfson Microelectronics plc WM9705_06 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.4 August 2006
49
MASK FUNCTION
It is anticipated that sources of glitch noise such as LCD ‘invert’ signals will likely be picked up by
the touchscreen plates and affect measurement accuracy. In order to minimise this effect, a
signal may be applied to the MASK pin, which depending on the setting of the MSK[1-0] bits in
register 78h, will delay the start of sampling of any input to the ADC. The behaviour of this delay
is a function of the value set in the MSK[1-0] bits of register 78h and is described below:
MSK[1-0]
EFFECT OF SIGNAL ON MASK PIN
00
Mask has no effect on conversions
01
Static; ‘hi’ on MASK pin stops conversions, ‘lo’ has no effect.
10
Edge triggered; rising or falling edge on MASK pin delays conversions
by an amount set in the DEL[3-0] register. Conversions are asynchronous to
the MASK signal.
11
Synchronous mode; conversions wait until rising or falling edge on MASK
initiates cycle; screen starts to be driven when the edge arrives, the
conversion sample being taken a period set by DEL[3-0] after the edge.
Table 28 Mask Control
PEN-DOWN DETECTION
Pen down detection is an important feature of the pen digitiser function; it allows screen driving
and conversion operations to be suspended whilst the pen is not in contact with the screen so
conserving power and minimising audio signal interference due to screen currents.
Pen down detection is performed by connecting an external resistor (external resistor is
connected between pin 29 (PDRES) and AVdd) to the Y+ terminal of the screen, grounding the X-
terminal, and connecting the Y+ terminal to a comparator. This comparator has a threshold which
lies midway between the ground and AVdd voltages. When the pen is applied to the screen, the
resistance between the plates falls, pulling down the voltage on the Y plate and hence the Y+
terminal voltage. When this resistance falls enough, the comparator is triggered, so detecting that
the ‘pen is down’.
The threshold of this Pen detection function is set at about midrail. Varying the pressure on the
pen, hence the pen resistance between the shorted plates, will cause the voltage on the pulled-up
plate to vary. The value of the external pull up resistor may be selected, so allowing the sensitivity
of the pen-down detect threshold to be adjusted. This allows the user more flexibility in tailoring
the pen detect threshold to different screen types.
A ‘zero power’ comparator (effectively a gate) is used as the comparator, which has a fairly
crudely set threshold, set at about mid supply. The output of this comparator is applied to the
PENDET pin, and also into the finite state machine controlling the conversion and screen drive
operations. Depending on the state of the PDEN bit in register 78h, this signal may be used to
halt conversion operations whilst pen is ‘up’. The PENDET pin can be active high or low
depending on the state of PINV. The default state of PINV is a 0 which means PENDET is active
high.
If the PDEN bit has not been set, then the state of the pen down detector output enables
conversions and screen drives only when the pen is detected as ‘down’. If PDEN bit is set, then
conversions and screen drives will continue whether pen is detected as up or down. This allows,
for example, for AUX channels to be converted whilst the pen is off the screen.
In order to provide more control over the sensitivity of the pen down detect threshold, an
alternative active comparator circuit is provided, along with a 4 bit DAC which is used to adjust the
comparator reference input voltage between near 0Volts and midrail. This allows lower pen
resistance to be detected, without the need to use very low external pull-up resistor values which
would otherwise be needed and which would consume large currents. When value 0h is written to
the pen detect dac register bits PDD[3-0] in register 78h, this extra comparator is powered off and
the zero power comparator used. When other values are written to this register, then the
comparator is enabled, and thresholds from near 0V to midrail are set as below in Table 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com