Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9711L Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM9711L
Description  Low Power Audio CODEC for Portable Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711L Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM9711L Datasheet HTML 41Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 42Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 43Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 44Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 45Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 46Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 47Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 48Page - Wolfson Microelectronics plc WM9711L Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
Production Data
WM9711L
w
PD Rev 4.3 August 2006
45
LOW POWER STANDBY MODE
If all the bits in registers 26h and 24h are set, then the WM9711L is in low-power standby mode and
consumes very little current. A 1M
Ω resistor string remains connected across AVDD to generate
VREF. This is necessary if the on-chip analogue comparators are used (see “Battery Alarm” section),
and helps shorten the delay between wake-up and playback readiness. If VREF is not required, the
1M
Ω resistor string can be disabled by setting the SVD bit, reducing current consumption further.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
58h
10
SVD
0
VREF Disable
0: VREF enabled using 1M
Ω string (low-power
standby mode)
1 : VREF disabled, 1M
Ω string disconnected
(OFF mode)
Table 33 Disabling VREF (for lowest possible power consumption)
SAVING POWER AT LOW SUPPLY VOLTAGES
The analogue supplies to the WM9711L can run from 1.8V to 3.6V. By default, all analogue circuitry
on the IC is optimized to run at 3.3V. This set-up is also good for all other supply voltages down to
1.8V. However, at lower voltages, it is possible to save power by reducing the internal bias currents
used in the analogue circuitry. This is controlled as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5Ch
6:5
V[1:0]
11
Analogue Bias optimization
11 : Lowest bias current, optimized for 1.8V
10 : Low bias current, optimized for 2.5V
01, 00 : Default bias current, optimized for 3.3V
Table 34 Analogue Bias Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com