Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9713L Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM9713L_06 Datasheet HTML 69Page - Wolfson Microelectronics plc WM9713L_06 Datasheet HTML 70Page - Wolfson Microelectronics plc WM9713L_06 Datasheet HTML 71Page - Wolfson Microelectronics plc WM9713L_06 Datasheet HTML 72Page - Wolfson Microelectronics plc WM9713L_06 Datasheet HTML 73Page - Wolfson Microelectronics plc WM9713L_06 Datasheet HTML 74Page - Wolfson Microelectronics plc WM9713L_06 Datasheet HTML 75Page - Wolfson Microelectronics plc WM9713L_06 Datasheet HTML 76Page - Wolfson Microelectronics plc WM9713L_06 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
73
The WM9713L has two on-chip comparators that can be used to implement a battery alarm function,
or other functions such as a window comparator. Each comparator has one of its inputs tied to
COMP1 (pin 29) or COMP2 (pin 30), and the other tied to a voltage reference. The voltage reference
can be either internally generated (VREF = AVDD/2) or externally connected on AUX4 (pin 12).
The comparator output signals are passed to the GPIO logic block (see “GPIO and Interrupt Control”
section), where they can be used to send an interrupt to the CPU via the AC-Link or via the IRQ pin,
and / or to wake up the WM9713L from sleep mode. COMP1/AUX1 (pin 29) corresponds to GPIO bit
15 and COMP2/AUX2 (pin30) to bit 14.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
CP1
1
COMP1 Polarity (see also “GPIO and Interrupt
Control”)
0: Alarm when COMP1 voltage is below VREF
1: Alarm when COMP1 voltage is above VREF
4Eh
14
CP2
1
COMP2 Polarity (see also “GPIO and Interrupt
Control”)
0: Alarm when COMP2 voltage is below VREF
1: Alarm when COMP2 voltage is above VREF
5Ah
15:13
COMP2
DEL
000
Low Battery Alarm Delay
000: No delay
001: 0.17s (2
13 = 8192 AC-Link frames)
010: 0.34s (2
14 = 16384 AC-Link frames)
011: 0.68s (2
15 = 32768 AC-Link frames)
100: 1.4s (2
16 = 65536 AC-Link frames)
101: 2.7s (2
17 = 131072 AC-Link frames)
110: 5.5s (2
18 = 262144 AC-Link frames)
111: 10.9s (2
19 = 524288 AC-Link frames)
Table 58 Comparator Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Comparator 1 Reference Voltage
0
VREF = AVDD/2
14
C1REF
0
1
WIPER/AUX4 (pin 12)
Comparator 1 Signal Source
00
AVDD/2 when C1REF=’1’. Otherwise
comparator 1 is powered down
01
COMP1/AUX1 (pin 29)
10
COMP2/AUX2 (pin 30)
13:12
C1SRC
00
11
Reserved
Comparator 2 Reference Voltage
0
VREF = AVDD/2
11
C2REF
0
1
WIPER/AUX4 (pin 12)
Comparator 2 Signal Source
00
AVDD/2 when C2REF=’1’. Otherwise
comparator 2 is powered down
01
COMP1/AUX1 (pin 29)
10
COMP2/AUX2 (pin 30)
5Ch
Additional
Analogue
Functions
10:9
C2SRC
00
11
Reserved
Table 59 Comparator Reference and Source Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com