Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG80 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYG80
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG80 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYG80 Datasheet HTML 1Page - NXP Semiconductors BYG80 Datasheet HTML 2Page - NXP Semiconductors BYG80 Datasheet HTML 3Page - NXP Semiconductors BYG80 Datasheet HTML 4Page - NXP Semiconductors BYG80 Datasheet HTML 5Page - NXP Semiconductors BYG80 Datasheet HTML 6Page - NXP Semiconductors BYG80 Datasheet HTML 7Page - NXP Semiconductors BYG80 Datasheet HTML 8Page - NXP Semiconductors BYG80 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Nov 25
2
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYG80 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• UL 94V-O classified plastic
package
• Shipped in 12 mm embossed tape.
DESCRIPTION
DO-214AC surface mountable
package with glass passivated chip.
The well-defined void-free case is of a
transfer-moulded thermo-setting
plastic.
Fig.1 Simplified outline (DO-214AC; SOD106) and symbol.
handbook, 4 columns
MSA474
Top view
Side view
cathode
band
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYG80A
−
50
V
BYG80B
−
100
V
BYG80C
−
150
V
BYG80D
−
200
V
BYG80F
−
300
V
BYG80G
−
400
V
BYG80J
−
600
V
VR
continuous reverse voltage
BYG80A
−
50
V
BYG80B
−
100
V
BYG80C
−
150
V
BYG80D
−
200
V
BYG80F
−
300
V
BYG80G
−
400
V
BYG80J
−
600
V
IF(AV)
average forward current
Ttp = 100 °C; see Figs 2, 3 and 4
averaged over any 20 ms period;
see also Figs 17, 18 and 19
BYG80A to D
−
2.4
A
BYG80F; BYG80G
−
2.3
A
BYG80J
−
2.0
A
IF(AV)
average forward current
Tamb =60 °C; AL2O3 PCB mounting
(see Fig.27); see Figs 5, 6 and 7
averaged over any 20 ms period;
see also Figs 17, 18 and 19
BYG80A to D
−
1.25
A
BYG80F; BYG80G
−
1.15
A
BYG80J
−
0.95
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com