Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNC323 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SNC323
Description  Direct Drive Voice/Dual Tone Melody Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC323 Datasheet(HTML) 1 Page - SONiX Technology Company

  SNC323 Datasheet HTML 1Page - SONiX Technology Company SNC323 Datasheet HTML 2Page - SONiX Technology Company SNC323 Datasheet HTML 3Page - SONiX Technology Company SNC323 Datasheet HTML 4Page - SONiX Technology Company SNC323 Datasheet HTML 5Page - SONiX Technology Company SNC323 Datasheet HTML 6Page - SONiX Technology Company SNC323 Datasheet HTML 7Page - SONiX Technology Company SNC323 Datasheet HTML 8Page - SONiX Technology Company SNC323 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SNC323
Direct Drive Voice/Dual Tone Melody Controller
1 INTRODUCTION
SNC323 is a 1-channel voice synthesizer and dual-tone melody IC with PWM direct
drive circuit. It built-in a 4-bit tiny controller with one 4-bit input port and two 4-bit I/O
ports. By programming through the tiny controller in SNC323, user’s varied
applications including voice section combination, dual-tone melody, key trigger
arrangement, output control, and other logic functions can be easily implemented.
2 FEATURES
Single power supply 2.4V – 5.5V
10 seconds voice capacity are provided (@6KHZ sample rate)
Built in a 4-bit tiny controller
One 4-bit input port and two 4-bit I/O ports are provided
128*4 bits RAM are provided
32K*10 ROM size are provided for voice data and program
Maximum 16k program ROM is provided
Readable ROM code data
IR carrier signal is provided
Built in a high quality speech synthesizer
Adaptive playing speed from 2.5k-20kHz is provided
One voice channel plus Dual-Tone Melody
Built in a PWM Direct Drive circuit and a fixed current D/A output
System clock : 2MHz
Low Power Reset
Ver: 1.4
June 8, 2005
1


Similar Part No. - SNC323

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC323 SONIX-SNC323 Datasheet
422Kb / 12P
Direct Drive Voice/Dual Tone Melody Controller?
More results

Similar Description - SNC323

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC313 SONIX-SNC313 Datasheet
421Kb / 12P
Direct Drive Voice/Dual Tone Melody Controller?
SNC322 SONIX-SNC322 Datasheet
403Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller?
SNC323 SONIX-SNC323 Datasheet
422Kb / 12P
Direct Drive Voice/Dual Tone Melody Controller?
SNC333 SONIX-SNC333 Datasheet
422Kb / 12P
Direct Drive Voice/Dual Tone Melody Controller?
SNC362 SONIX-SNC362 Datasheet
402Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller?
SNC384 SONIX-SNC384 Datasheet
405Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller?
SNC332 SONIX-SNC332_05 Datasheet
397Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
SNC342 SONIX-SNC342_05 Datasheet
397Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
SNC362 SONIX-SNC362_05 Datasheet
397Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
SNC385 SONIX-SNC385_05 Datasheet
402Kb / 11P
Direct Drive Voice/Dual Tone Melody Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com