Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG80C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYG80C
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG80C Datasheet(HTML) 4 Page - NXP Semiconductors

  BYG80C Datasheet HTML 1Page - NXP Semiconductors BYG80C Datasheet HTML 2Page - NXP Semiconductors BYG80C Datasheet HTML 3Page - NXP Semiconductors BYG80C Datasheet HTML 4Page - NXP Semiconductors BYG80C Datasheet HTML 5Page - NXP Semiconductors BYG80C Datasheet HTML 6Page - NXP Semiconductors BYG80C Datasheet HTML 7Page - NXP Semiconductors BYG80C Datasheet HTML 8Page - NXP Semiconductors BYG80C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Nov 25
4
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYG80 series
THERMAL CHARACTERISTICS
Notes
1. Device mounted on Al2O3 printed-circuit board, 0.7 mm thick; thickness of copper ≥35 µm, see Fig.27.
2. Device mounted on epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper
≥40 µm, see Fig.27.
For more information please refer to the
“General Part of associated Handbook”.
V(BR)R
reverse avalanche
breakdown voltage
IR = 0.1 mA
BYG80A
55
−−
V
BYG80B
110
−−
V
BYG80C
165
−−
V
BYG80D
220
−−
V
BYG80F
330
−−
V
BYG80G
440
−−
V
BYG80J
675
−−
V
IR
reverse current
VR =VRRMmax;
see Figs 24 and 25
−−
10
µA
IR
reverse current
VR =VRRMmax; Tj = 165 °C;
see Figs 24 and 25
BYG80A to D
−−
100
µA
BYG80F; BYG80G and J
−−
150
µA
trr
reverse recovery time
when switched from IF = 0.5 A to
IR = 1 A; measured at IR = 0.25 A;
see Fig.29
BYG80A to D
−−
25
ns
BYG80F; BYG80G and J
−−
50
ns
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.26
BYG80A to D
−
90
−
pF
BYG80F; BYG80G
−
70
−
pF
BYG80J
−
65
−
pF
maximum slope of reverse
recovery current
when switched from IF = 1 A to
VR ≥ 30 V and dIF/dt = −1A/µs;
see Fig.28
BYG80A to D
−−
3A/
µs
BYG80F; BYG80G and J
−−
4A/
µs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
25
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
note 2
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dI
R
dt
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com