Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 122 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 122 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 118Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 119Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 120Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 121Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 122Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 123Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 124Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 125Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 126Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 241 page
background image
122
4341F–MP3–03/06
AT8xC51SND2C/MP3B
16.12 Registers
Table 16-3.
USBCON Register
USBCON (S:BCh) – USB Global Control Register
Reset Value = 0000 0000b
76
543
210
USBE
SUSPCLK
SDRMWUP
-
UPRSM
RMWUPE
CONFG
FADDEN
Bit Number
Bit
Mnemonic
Description
7USBE
USB Enable Bit
Set this bit to enable the USB controller.
Clear this bit to disable and reset the USB controller, to disable the USB transceiver an
to disable the USB controllor clock inputs.
6SUSPCLK
Suspend USB Clock Bit
Set to disable the 48 MHz clock input (Resume Detection is still active).
Clear to enable the 48 MHz clock input.
5
SDRMWUP
Send Remote Wake-Up Bit
Set to force an external interrupt on the USB controller for Remote Wake UP purpose.
An upstream resume is send only if the bit RMWUPE is set, all USB clocks are enabled
AND the USB bus was in SUSPEND state for at least 5 ms. See UPRSM below.
Cleared by software.
4-
Reserved
The value read from this bit is always 0. Do not set this bit.
3
UPRSM
Upstream Resume Bit (read only)
Set by hardware when SDRMWUP has been set and if RMWUPE is enabled.
Cleared by hardware after the upstream resume has been sent.
2RMWUPE
Remote Wake-Up Enable Bit
Set to enabled request an upstream resume signaling to the host.
Clear after the upstream resume has been indicated by RSMINPR.
Note: Do not set this bit if the host has not set the DEVICE_REMOTE_WAKEUP feature
for the device.
1CONFG
Configuration Bit
This bit should be set by the device firmware after a SET_CONFIGURATION request
with a non-zero value has been correctly processed.
It should be cleared by the device firmware when a SET_CONFIGURATION request
with a zero value is received. It is cleared by hardware on hardware reset or when an
USB reset is detected on the bus (SE0 state for at least 32 Full Speed bit times: typically
2.7
μs).
0
FADDEN
Function Address Enable Bit
This bit should be set by the device firmware after a successful status phase of a
SET_ADDRESS transaction.
It should not be cleared afterwards by the device firmware. It is cleared by hardware on
hardware reset or when an USB reset is received (see above). When this bit is cleared,
the default function address is used (0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com