Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 123 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 123 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 119Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 120Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 121Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 122Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 123Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 124Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 125Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 126Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 127Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 241 page
background image
123
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Table 16-4.
USBADDR Register
USBADDR (S:C6h) – USB Address Register
Reset Value = 0000 0000b
Table 16-5.
USBINT Register
USBINT (S:BDh) – USB Global Interrupt Register
Reset Value = 0000 0000b
76
543
210
FEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
Bit Number
Bit
Mnemonic
Description
7FEN
Function Enable Bit
Set to enable the function. The device firmware should set this bit after it has received a
USB reset and participate in the following configuration process with the default address
(FEN is reset to 0).
Cleared by hardware at power-up, should not be cleared by the device firmware once
set.
6 - 0
UADD6:0
USB Address Bits
This field contains the default address (0) after power-up or USB bus reset.
It should be written with the value set by a SET_ADDRESS request received by the
device firmware.
76
543
210
-
-
WUPCPU
EORINT
SOFINT
-
-
SPINT
Bit Number
Bit
Mnemonic
Description
7 - 6
-
Reserved
The value read from these bits is always 0. Do not set these bits.
5
WUPCPU
Wake Up CPU Interrupt Flag
Set by hardware when the USB controller is in SUSPEND state and is re-activated by a
non-idle signal from USB line (not by an upstream resume). This triggers a USB interrupt
when EWUPCPU is set in the USBIEN.
Cleared by software after re-enabling all USB clocks.
4EORINT
End of Reset Interrupt Flag
Set by hardware when a End of Reset has been detected by the USB controller. This
triggers a USB interrupt when EEORINT is set in USBIEN.
Cleared by software.
3SOFINT
Start of Frame Interrupt Flag
Set by hardware when an USB Start of Frame packet (SOF) has been properly received.
This triggers a USB interrupt when ESOFINT is set in USBIEN.
Cleared by software.
2 - 1
-
Reserved
The value read from these bits is always 0. Do not set these bits.
0
SPINT
Suspend Interrupt Flag
Set by hardware when a USB Suspend (Idle bus for three frame periods: a J state for 3
ms) is detected. This triggers a USB interrupt when ESPINT is set in USBIEN.
Cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com