Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 177 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 177 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 173Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 174Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 175Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 176Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 177Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 178Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 179Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 180Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 181Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 241 page
background image
177
4341F–MP3–03/06
AT8xC51SND2C/MP3B
20.7
Interrupt
The Serial I/O Port handles 2 interrupt sources that are the “end of reception” (RI in SCON) and
“end of transmission” (TI in SCON) flags. As shown in Figure 20-16 these flags are combined
together to appear as a single interrupt source for the C51 core. Flags must be cleared by soft-
ware when executing the serial interrupt service routine.
The serial interrupt is enabled by setting ES bit in IEN0 register. This assumes interrupts are glo-
bally enabled by setting EA bit in IEN0 register.
Depending on the selected mode and weather the framing error detection is enabled or dis-
abled, RI flag is set during the stop bit or during the ninth bit as detailed in Figure 20-17.
Figure 20-16. Serial I/O Interrupt System
Figure 20-17. Interrupt Waveforms
ES
IEN0.4
Serial I/O
Interrupt Request
TI
SCON.1
RI
SCON.0
RXD
D0
D1D2D3D4D5D6D7
Start Bit
8-bit Data
Stop Bit
RI
SMOD0 = X
FE
SMOD0 = 1
a. Mode 1
b. Mode 2 and 3
RXD
D0
D1D2D3D4D5D6
D8
Start bit
9-bit data
Stop bit
RI
SMOD0 = 1
FE
SMOD0 = 1
D7
RI
SMOD0 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com