Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80SND2CMP3B Datasheet(PDF) 179 Page - ATMEL Corporation

Part # AT80SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND2CMP3B Datasheet(HTML) 179 Page - ATMEL Corporation

Back Button AT80SND2CMP3B Datasheet HTML 175Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 176Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 177Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 178Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 179Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 180Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 181Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 182Page - ATMEL Corporation AT80SND2CMP3B Datasheet HTML 183Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 241 page
background image
179
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Table 20-4.
SBUF Register
SBUF (S:99h) – Serial Buffer Register
Reset value = XXXX XXXXb
Table 20-5.
SADDR Register
SADDR (S:A9h) – Slave Individual Address Register
Reset Value = 0000 0000b
Table 20-6.
SADEN Register
SADEN (S:B9h) – Slave Individual Address Mask Byte Register
Reset Value = 0000 0000b
76
543
210
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
Bit Number
Bit
Mnemonic
Description
7 - 0
SD7:0
Serial Data Byte
Read the last data received by the serial I/O Port.
Write the data to be transmitted by the serial I/O Port.
76
543
210
SAD7
SAD6
SAD5
SAD4
SAD3
SAD2
SAD1
SAD0
Bit Number
Bit
Mnemonic
Description
7 - 0
SAD7:0
Slave Individual Address
76
543
210
SAE7
SAE6
SAE5
SAE4
SAE3
SAE2
SAE1
SAE0
Bit Number
Bit
Mnemonic
Description
7 - 0
SAE7:0
Slave Address Mask Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com