Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP511 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP511
Description  150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP511 Datasheet HTML 1Page - ON Semiconductor NCP511 Datasheet HTML 2Page - ON Semiconductor NCP511 Datasheet HTML 3Page - ON Semiconductor NCP511 Datasheet HTML 4Page - ON Semiconductor NCP511 Datasheet HTML 5Page - ON Semiconductor NCP511 Datasheet HTML 6Page - ON Semiconductor NCP511 Datasheet HTML 7Page - ON Semiconductor NCP511 Datasheet HTML 8Page - ON Semiconductor NCP511 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCP511
http://onsemi.com
4
45
40
30
35
25
5
0
2.5
1.5
3.0
1.0
2.0
0
3.5
39
03
2
1
Vin, INPUT VOLTAGE (V)
−50
50
45
35
50
25
0
40
30
25
20
−25
75
100
125
TEMPERATURE (
°C)
Iout, OUTPUT CURRENT (mA)
Vin, INPUT VOLTAGE (V)
04
3
2
15
6
05
7
0
75
100
50
125
25
150
35
41
33
37
25
43
45
Vout(nom.) = 3.0 V
Iout = 50 mA
TA = 25°C
56
0.5
10
15
20
31
29
27
Vin = Vout(nom.) + 0.5 V
Vout(nom.) = 3.0 V
IO = 0 mA
12
3
4
6
4
Vout(nom.) = 3.0 V
Vin = 5.0 V
TA = 25°C
Vout(nom.) = 3.0 V
IO = 0 mA
Cin = 1.0 mF
Cout = 1.0 mF
TA = 25°C
Venable = Vin
−60
200
180
160
140
20
0
−20
120
100
80
40
0
−40
40
60
140
TEMPERATURE (
°C)
20
60
80
100
120
Iout = 150 mA
Iout = 1 mA
Iout = 10 mA
Iout = 50 mA
Iout = 100 mA
350
200
0
450
Vin, INPUT VOLTAGE (V)
250
300
400
150
100
50
Vout(nom.) = 3.0 V
Cin = 1.0 mF
Figure 2. Dropout Voltage vs. Temperature
Figure 3. Output Voltage vs. Input Voltage
Figure 4. Quiescent Current vs. Temperature
Figure 5. Ground Pin Current vs. Output Current
Figure 6. Ground Pin Current vs. Input Voltage
Figure 7. Current Limit vs. Input Voltage
Vout(nom.) = 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com