Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM358DX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYM358DX
Description  Damper-Modulator fast, high-voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM358DX Datasheet(HTML) 1 Page - NXP Semiconductors

  BYM358DX Datasheet HTML 1Page - NXP Semiconductors BYM358DX Datasheet HTML 2Page - NXP Semiconductors BYM358DX Datasheet HTML 3Page - NXP Semiconductors BYM358DX Datasheet HTML 4Page - NXP Semiconductors BYM358DX Datasheet HTML 5Page - NXP Semiconductors BYM358DX Datasheet HTML 6Page - NXP Semiconductors BYM358DX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Damper-Modulator
BYM358DX
fast, high-voltage
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
DAMPER
MODULATOR
• Ultra fast switching
• Soft recovery characteristic
V
R=1500 V
V
R=600 V
• High thermal cycling
performance
V
F ≤ 1.5 V
V
F ≤ 1.08 V
• Isolated mounting tab
I
F(peak) =7 A
I
F(peak) = 7 A
I
FSM ≤ 66 A
I
FSM ≤ 70 A
t
rr ≤ 170 ns
t
rr ≤ 60 ns
GENERAL DESCRIPTION
PINNING
SOT399
Combined damper and modulator
PIN
DESCRIPTION
diodes
in
an
isolated
plastic
envelope for horizontal deflection in
1
modulator anode
PC monitors.
The BYM358DX contains diodes
2
common anode/cathode
with performance characteristics
designed specifically for
3
damper cathode
applications from 32kHz to 120kHz
The BYM358DX series is supplied
in the conventional leaded SOT399
package.
LIMITING VALUES
T
j = 25 ˚C unless otherwise stated
DAMPER
MODULATOR
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
UNIT
V
RSM
Peak non-repetitive reverse
-
1500
-
600
V
voltage.
V
RRM
Peak repetitive reverse voltage
-
1500
-
600
V
V
RWM
Crest working reverse voltage
-
1300
-
600
V
I
F(peak)
Peak forward current
31-70 kHz monitor.
-
7
-
7
A
I
F(RMS)
RMS forward current
sinusoidal;a=1.57
-
15.7
-
14.1
A
I
FSM
Peak non-repetitive forward
t = 10 ms
-
60
-
70
A
current
t = 8.3 ms
-
66
-
77
A
sinusoidal;with
reapplied
V
RWM(MAX)
T
stg
Storage temperature
-40
150
-40
150
˚C
T
J
Operating junction temperature
-
150
-
150
˚C
1
3
2
damper
modulator
case
12 3
March 2000
1
Rev 1.000


Similar Part No. - BYM358DX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYM358X PHILIPS-BYM358X Datasheet
50Kb / 7P
Damper-Modulator fast, high-voltage
March 2000 Rev 1.000
More results

Similar Description - BYM358DX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY329-1500 PHILIPS-BY329-1500 Datasheet
36Kb / 5P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BYM357DX PHILIPS-BYM357DX Datasheet
51Kb / 7P
Damper-Modulator fast, high-voltage
February 2000 Rev 1.100
BYM357X PHILIPS-BYM357X Datasheet
50Kb / 7P
Damper-Modulator fast, high-voltage
February 2000 Rev 1.100
BYM358X PHILIPS-BYM358X Datasheet
50Kb / 7P
Damper-Modulator fast, high-voltage
March 2000 Rev 1.000
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
DAMPER DIODE FAST , HIGH VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com