Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM56 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYM56
Description  Controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM56 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYM56 Datasheet HTML 1Page - NXP Semiconductors BYM56 Datasheet HTML 2Page - NXP Semiconductors BYM56 Datasheet HTML 3Page - NXP Semiconductors BYM56 Datasheet HTML 4Page - NXP Semiconductors BYM56 Datasheet HTML 5Page - NXP Semiconductors BYM56 Datasheet HTML 6Page - NXP Semiconductors BYM56 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
Product specification
Supersedes data of April 1992
1996 May 24
DISCRETE SEMICONDUCTORS
BYM56 series
Controlled avalanche rectifiers
handbook, 2 columns
M3D118


Similar Part No. - BYM56

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
BYM56B EIC-BYM56B Datasheet
177Kb / 2P
CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
logo
Gulf Semiconductor
BYM56C GULFSEMI-BYM56C Datasheet
70Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.5A
logo
EIC discrete Semiconduc...
BYM56C EIC-BYM56C Datasheet
177Kb / 2P
CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
BYM56D EIC-BYM56D Datasheet
177Kb / 2P
CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
More results

Similar Description - BYM56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
Controlled avalanche rectifiers
1996 Sep 26
BYD11 PHILIPS-BYD11 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Sep 26
BYD12 PHILIPS-BYD12 Datasheet
49Kb / 8P
Controlled avalanche rectifiers
1998 Dec 03
BYD13 PHILIPS-BYD13 Datasheet
39Kb / 7P
Controlled avalanche rectifiers
1996 May 24
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
Controlled avalanche rectifiers
1996 May 24
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Oct 03
logo
Shenzhen Taychipst Elec...
BYD13D TAYCHIPST-BYD13D Datasheet
3Mb / 3P
Controlled avalanche rectifiers
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
Controlled avalanche rectifiers
logo
NXP Semiconductors
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
Controlled avalanche rectifiers
1996 Jun 19
logo
New Jersey Semi-Conduct...
BYW54 NJSEMI-BYW54 Datasheet
136Kb / 2P
Controlled avalanche rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com