Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC131M01DFMR Datasheet(PDF) 46 Page - Texas Instruments

Part # AMC131M01DFMR
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01DFMR Datasheet(HTML) 46 Page - Texas Instruments

Back Button AMC131M01DFMR Datasheet HTML 42Page - Texas Instruments AMC131M01DFMR Datasheet HTML 43Page - Texas Instruments AMC131M01DFMR Datasheet HTML 44Page - Texas Instruments AMC131M01DFMR Datasheet HTML 45Page - Texas Instruments AMC131M01DFMR Datasheet HTML 46Page - Texas Instruments AMC131M01DFMR Datasheet HTML 47Page - Texas Instruments AMC131M01DFMR Datasheet HTML 48Page - Texas Instruments AMC131M01DFMR Datasheet HTML 49Page - Texas Instruments AMC131M01DFMR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
• Now if the third conversion completes and the host still did not retrieve data from the FIFO buffer, then result
3 overwrites the data in both the ADC output and FIFO buffer [3 | 3].
• In this case, both conversion result 1 and result 2 are lost and cannot be read anymore by the host.
Resulting from the internal structure of the ADC, including the ADC output buffer and the FIFO buffer, the DRDY
pin behaves as described:
• If conversion data are read by the host every time new conversion data become available, then DRDY follows
the format described in the Data Ready (DRDY) section, depending on the DRDY_FMT bit in the MODE
register: When the DRDY_FMT bit is 0b, new data are indicated by DRDY changing from high to low and
remaining low until either all conversion data are shifted out of the device, or remaining low and going high
briefly before the next time DRDY transitions low. When the DRDY_FMT bit is 1b, new data are indicated by
a short negative pulse on the DRDY pin.
• If the DRDY_FMT bit is 0b and the host does not read conversion data from the FIFO buffer before the next
conversion completes, then DRDY remains low and goes high briefly before the next time DRDY transitions
low (indicating a new conversion).
• If the DRDY_FMT bit is 1b and the host does not read conversion data from the FIFO buffer before the next
conversion completes, then the device skips one DRDY pulse and does not provide another DRDY pulse
until the second following instance when data are ready. Therefore, if the DRDY_FMT bit is 1b and the host
does not read conversion data at all, the DRDY pin toggles at a rate which is half the conversion rate.
8.5.5 Collecting Data for the First Time or After a Pause in Data Collection
Take special precaution when collecting data for the first time or when beginning to collect data again after a
pause. As explained in the ADC Output Buffer and FIFO Buffer section, the device contains a first-in-first-out
(FIFO) buffer in addition to the ADC output buffer. When the host is reading each consecutive sample from the
device, both buffers are updated each time new data are generated, so the DRDY flag for each channel in the
STATUS register is cleared with each read. However, if data are not read for a period of time, previous samples
can be lost as explained in the ADC Output Buffer and FIFO Buffer section. Either strobe the SYNC/RESET
pin to resynchronize conversions and clear the buffers, or quickly read two data packets when data are read
for the first time or after a gap in reading data. This process ensures predictable DRDY pin behavior. See the
Synchronization section for information about the synchronization feature. These methods do not need to be
employed if data is read for each output data period from when the ADC is enabled.
Figure 8-26 shows an example of how to collect data after a period of the ADC running, but where no data are
being retrieved. In this instance, the SYNC/RESET pin clears the internal buffers and realigns the AMC131M01
output data with the host.
DRDY
CS
SCLK
DOUT
CRC
Data
Data
Hi-Z
Status
CRC
Data
Time where data is
not being read
SYNC Pulse
SYNC / RESET
Figure 8-26. Collecting Data After a Pause Using the SYNC/RESET Pin
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com