Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2104 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2104
Description  LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2104 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2104 Datasheet HTML 9Page - Texas Instruments LM2104 Datasheet HTML 10Page - Texas Instruments LM2104 Datasheet HTML 11Page - Texas Instruments LM2104 Datasheet HTML 12Page - Texas Instruments LM2104 Datasheet HTML 13Page - Texas Instruments LM2104 Datasheet HTML 14Page - Texas Instruments LM2104 Datasheet HTML 15Page - Texas Instruments LM2104 Datasheet HTML 16Page - Texas Instruments LM2104 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
be placed externally between GH and SH or GL and GND to protect the device from this type of transient. The
diode must be placed as close to the device pins as possible in order to be effective.
Low ESR bypass capacitors from BST to SH and from GVDD to GND are essential for proper operation of the
gate driver device. The capacitor should be located at the leads of the device to minimize series inductance.
The peak currents from GL and GH can be quite large. Any series inductance with the bypass capacitor causes
voltage ringing at the leads of the device which must be avoided for reliable operation.
7.4 Device Functional Modes
The device operates in normal mode and UVLO mode. See Section 7.3.1 for more information on UVLO
operation mode. In normal mode, when the VGVDD and VBST–SH are above UVLO threshold, the output stage is
dependent on the states of the IN and SD pin. The outputs GH and GL will be low if input state is floating.
Table 7-3. Input/Output Logic in Normal Mode of Operation
SD
IN
GH(1)
GL(2)
L
L
L
L
L
H
L
L
H
L
L
H
H
H
H
L
Floating
Floating
L
L
(1)
GH is measured with respect to SH.
(2)
GL is measured with respect to GND.
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
To operate power MOSFETs at high switching frequencies and to reduce associated switching losses, a powerful
gate driver is employed between the PWM output of controller and the gates of the power semiconductor
devices. Also, gate drivers are indispensable when it is impossible for the PWM controller to directly drive the
gates of the switching devices. With the advent of digital power, this situation is often encountered because
the PWM signal from the digital controller is often a 3.3-V logic signal which cannot effectively turn on a power
switch. Level-shift circuitry is needed to boost the 3.3-V signal to the gate-drive voltage (such as 12 V) to
fully turn on the power device and minimize conduction losses. Traditional buffer drive circuits based on NPN
and PNP bipolar transistors in totem-pole arrangement prove inadequate with digital power because they lack
level-shifting capability. Gate drivers effectively combine both the level-shifting and buffer-drive functions. Gate
drivers can also minimize the effect of high-frequency switching noise by being placed physically close to the
power switch. Additionally, gate drivers can drive gate-drive transformers and control floating power-device
gates, reducing the controller's power dissipation and thermal stress by moving the gate-charge power losses
into the driver.
www.ti.com
LM2104
SNVSCH8A – SEPTEMBER 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com