Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8551ARM-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8551ARM-R2
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8551ARM-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8551ARM-R2 Datasheet HTML 12Page - Analog Devices AD8551ARM-R2 Datasheet HTML 13Page - Analog Devices AD8551ARM-R2 Datasheet HTML 14Page - Analog Devices AD8551ARM-R2 Datasheet HTML 15Page - Analog Devices AD8551ARM-R2 Datasheet HTML 16Page - Analog Devices AD8551ARM-R2 Datasheet HTML 17Page - Analog Devices AD8551ARM-R2 Datasheet HTML 18Page - Analog Devices AD8551ARM-R2 Datasheet HTML 19Page - Analog Devices AD8551ARM-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8551/AD8552/AD8554
Rev. C | Page 16 of 24
earn the reputation of being among the most precise amplifiers
available on the market.
HIGH GAIN, CMRR, PSRR
Common-mode and power supply rejection are indications
of the amount of offset voltage an amplifier has as a result of a
change in its input common-mode or power supply voltages. As
shown in the previous section, the autocorrection architecture
of the AD855x allows it to quite effectively minimize offset volt-
ages. The technique also corrects for offset errors caused by
common-mode voltage swings and power supply variations.
This results in superb CMRR and PSRR figures in excess of
130 dB. Because the autocorrection occurs continuously, these
figures can be maintained across the entire temperature range
of the device, from −40°C to +125°C.
MAXIMIZING PERFORMANCE THROUGH
PROPER LAYOUT
To achieve the maximum performance of the extremely high
input impedance and low offset voltage of the AD855x, care is
needed in laying out the circuit board. The PC board surface
must remain clean and free of moisture to avoid leakage cur-
rents between adjacent traces. Surface coating of the circuit
board reduces surface moisture and provides a humidity barrier,
reducing parasitic resistance on the board. The use of guard
rings around the amplifier inputs further reduces leakage cur-
rents. Figure 52 shows proper guard ring configuration, and
Figure 53 shows the top view of a surface-mount layout. The
guard ring does not need to be a specific width, but it should
form a continuous loop around both inputs. By setting the
guard ring voltage equal to the voltage at the noninverting
input, parasitic capacitance is minimized as well. For further
reduction of leakage currents, components can be mounted to
the PC board using Teflon standoff insulators.
AD8552
AD8552
AD8552
VOUT
VOUT
VOUT
VIN
VIN
VIN
Figure 52. Guard Ring Layout and Connections to Reduce
PC Board Leakage Currents
V+
AD8552
V–
R2
R1
R1
R2
VREF
VREF
VIN2
GUARD
RING
GUARD
RING
VIN1
Figure 53. Top View of AD8552 SOIC Layout with Guard Rings
Other potential sources of offset error are thermoelectric
voltages on the circuit board. This voltage, also called Seebeck
voltage, occurs at the junction of two dissimilar metals and is
proportional to the temperature of the junction. The most
common metallic junctions on a circuit board are solder-to-
board trace and solder-to-component lead. Figure 54 shows a
cross-section of the thermal voltage error sources. If the
temperature of the PC board at one end of the component (TA1)
is different from the temperature at the other end (TA2), the
resulting Seebeck voltages are not equal, resulting in a thermal
voltage error.
This thermocouple error can be reduced by using dummy
components to match the thermoelectric error source. Placing
the dummy component as close as possible to its partner ensures
both Seebeck voltages are equal, thus canceling the thermo-
couple error. Maintaining a constant ambient temperature on
the circuit board further reduces this error. The use of a ground
plane helps distribute heat throughout the board and reduces
EMI noise pickup.
SOLDER
+
+
+
+
COMPONENT
LEAD
COPPER
TRACE
VSC1
VTS1
TA1
SURFACE-MOUNT
COMPONENT
PC BOARD
TA2
VSC2
VTS2
IF TA1 ≠ TA2, THEN
VTS1 + VSC1 ≠ VTS2 + VSC2
Figure 54. Mismatch in Seebeck Voltages Causes
Thermoelectric Voltage Error
AD8551/
AD8552/
AD8554
AV = 1 + (RF/R1)
NOTES
1. RS SHOULD BE PLACED IN CLOSE PROXIMITY AND
ALIGNMENT TO R1 TO BALANCE SEEBECK VOLTAGES.
RS = R1
R1
RF
VIN
VOUT
Figure 55. Using Dummy Components to Cancel
Thermoelectric Voltage Errors
1/f NOISE CHARACTERISTICS
Another advantage of auto-zero amplifiers is their ability to
cancel flicker noise. Flicker noise, also known as 1/f noise, is
noise inherent in the physics of semiconductor devices, and it
increases 3 dB for every octave decrease in frequency. The 1/f
corner frequency of an amplifier is the frequency at which the
flicker noise is equal to the broadband noise of the amplifier.
At lower frequencies, flicker noise dominates, causing higher
degrees of error for sub-Hertz frequencies or dc precision
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com