Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8612 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8612
Description  Ultrafast, 4 ns Single-Supply Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8612 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8612 Datasheet HTML 8Page - Analog Devices AD8612 Datasheet HTML 9Page - Analog Devices AD8612 Datasheet HTML 10Page - Analog Devices AD8612 Datasheet HTML 11Page - Analog Devices AD8612 Datasheet HTML 12Page - Analog Devices AD8612 Datasheet HTML 13Page - Analog Devices AD8612 Datasheet HTML 14Page - Analog Devices AD8612 Datasheet HTML 15Page - Analog Devices AD8612 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8611/AD8612
Rev. A | Page 12 of 20
voltage is greater than VHI, and does not switch high again until
the input voltage is less than VLO, as given in Equation 1:
()
REF
REF
HI
V
R
R
R
V
V
+
+
−
+
=
2
1
1
5
.
1
V
(1)
2
1
2
R
R
R
V
V
REF
LO
+
×
=
where V+ is the positive supply voltage.
The capacitor CF is optional and can be added to introduce a
pole into the feedback network. This has the effect of increasing
the amount of hysteresis at high frequencies, which is useful
when comparing relatively slow signals in high frequency noise
environments. At frequencies greater than fP, the hysteresis
window approaches VHI = V+ − 1.5 V and VLO = 0 V. For
frequencies less than fP, the threshold voltages remain as in
Equation 1.
CLOCK TIMING RECOVERY
Comparators are often used in digital systems to recover clock
timing signals. High speed square waves transmitted over any
distance, even tens of centimeters, can become distorted due to
stray capacitance and inductance. Poor layout or improper
termination can also cause reflections on the transmission line,
further distorting the signal waveform. A high speed
comparator can be used to recover the distorted waveform
while maintaining a minimum of delay.
Figure 25 shows VOUT vs. VIN as the AD8611 is used to recover a
65 MHz, 100 mV peak-to-peak distorted clock signal into a 4 V
peak-to-peak square wave. The lower trace is the input to the
AD8611, and the upper trace is the QA or QB output from the
comparator. The AD8611 is powered from a 5 V single supply.
TIME (10ns/DIV)
2V/DIV
VOUT
VIN
20mV/DIV
Figure 25. Using the AD8611 to Recover a Noisy Clock Signal
A 5 V, HIGH SPEED WINDOW COMPARATOR
A window comparator circuit is used to detect when a signal is
between two fixed voltages. The AD8612 can be used to create a
high speed window comparator, as shown in Figure 26. In this
example, the reference window voltages are set as:
4
3
4
2
1
2
R
R
R
V
R
R
R
V
LO
HI
+
=
+
=
The output of the A1 comparator goes high when the input
signal exceeds VHI, and the output of A2 goes high only when
VIN drops below VLO. When the input voltage is between VHI
and VLO, both comparator outputs are low, turning off both Q1
and Q2, thus driving VOUT to a high state. If the input signal
goes outside of the reference voltage window, VOUT goes low.
To ensure a minimum of switching delay, the use of high speed
transistors is recommended for Q1 and Q2. Using the AD8612
with 2N3960 transistors provides a total propagation delay from
VIN to VOUT of less than 10 ns.
Table 8. Window Comparator Output States
VOUT
Input Voltage
≈ 200 mV
VIN < VLO
+5 V
VLO < VIN < VHI
≈ 200 mV
VIN > VHI
VHI
5V
5V
R1
R2
6
7
3
4
10
1
VIN
AD8612
1kΩ
VLO
5V
R3
R4
9
8
11
5
12
14
AD8612
1kΩ
Q1
5V
VOUT
1kΩ
500Ω
Q2
500Ω
NOTES
1. Q1, Q2 = 2N3960.
2. PINS 2 AND 13 ARE NO CONNECTS.
A1
A2
Figure 26. A High Speed Window Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com