Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM56D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYM56D
Description  Controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM56D Datasheet(HTML) 3 Page - NXP Semiconductors

  BYM56D Datasheet HTML 1Page - NXP Semiconductors BYM56D Datasheet HTML 2Page - NXP Semiconductors BYM56D Datasheet HTML 3Page - NXP Semiconductors BYM56D Datasheet HTML 4Page - NXP Semiconductors BYM56D Datasheet HTML 5Page - NXP Semiconductors BYM56D Datasheet HTML 6Page - NXP Semiconductors BYM56D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1996 May 24
3
Philips Semiconductors
Product specification
Controlled avalanche rectifiers
BYM56 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper
≥40 µm, see Fig.9.
For more information please refer to the
“General Part of associated Handbook”.
ERSM
non-repetitive peak reverse avalanche
energy
L = 120 mH; Tj =Tj max prior to
surge; inductive load switched off
−
20
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig.5
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF =3A; Tj =Tj max; see Fig.6
−−
0.95
V
IF = 3 A; see Fig.6
−−
1.15
V
V(BR)R
reverse avalanche
breakdown voltage
IR = 0.1 mA
BYM56A
225
−−
V
BYM56B
450
−−
V
BYM56C
650
−−
V
BYM56D
900
−−
V
BYM56E
1100
−−
V
IR
reverse current
VR =VRRMmax; see Fig.7
−−
1
µA
VR =VRRMmax; Tj = 165 °C;
see Fig.7
−−
150
µA
trr
reverse recovery time
when switched from IF = 0.5 A to
IR = 1 A; measured at IR = 0.25 A;
see Fig.10
−
3
−
µs
Cd
diode capacitance
VR = 0 V; f = 1 MHz; see Fig.8
−
90
−
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
25
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
75
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com