Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4851-4YRUZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4851-4YRUZ-R7
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-4YRUZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4851-4YRUZ-R7 Datasheet HTML 12Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 13Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 14Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 15Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 16Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 17Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 18Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 19Page - Analog Devices ADA4851-4YRUZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. D | Page 16 of 20
OUTLINE DIMENSIONS
1
3
4
5
2
6
2.90 BSC
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.22
0.08
10°
0.50
0.30
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.60
0.45
0.30
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-178-AB
Figure 48. 6-Lead Small Outline Transistor Package [SOT-23]
(RJ-6)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.60
0.40
4
8
1
5
PIN 1
0.65 BSC
SEATING
PLANE
0.38
0.22
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.08
3.20
3.00
2.80
5.15
4.90
4.65
0.15
0.00
0.95
0.85
0.75
Figure 49. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com