Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP553BRM Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP553BRM
Description  Single-Supply, High Speed PECL/LVPECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP553BRM Datasheet(HTML) 4 Page - Analog Devices

  ADCMP553BRM Datasheet HTML 1Page - Analog Devices ADCMP553BRM Datasheet HTML 2Page - Analog Devices ADCMP553BRM Datasheet HTML 3Page - Analog Devices ADCMP553BRM Datasheet HTML 4Page - Analog Devices ADCMP553BRM Datasheet HTML 5Page - Analog Devices ADCMP553BRM Datasheet HTML 6Page - Analog Devices ADCMP553BRM Datasheet HTML 7Page - Analog Devices ADCMP553BRM Datasheet HTML 8Page - Analog Devices ADCMP553BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADCMP551/ADCMP552/ADCMP553
Rev. 0 | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AC PERFORMANCE (continued)
Equivalent Input Rise Time Bandwidth1
BWEQ
0 V to 1 V swing, 2 V/ns
750
MHz
Maximum Toggle Rate
>50% output swing
800
MHz
Minimum Pulse Width
PWMIN
∆tPD < 25 ps
700
ps
RMS Random Jitter
VOD = 250 mV, 1.3 V/ns,
500 MHz, 50% duty cycle
1.1
ps
Unit-to-Unit Propagation Delay Skew
50
ps
POWER SUPPLY (ADCMP551/ADCMP552)
Input Supply Current
IVCCI
@ 3.3 V
8
12
17
mA
Output Supply Current
IVCCO
@ 3.3 V without load
3
5
9
mA
Output Supply Current
@ 3.3 V with load
40
55
70
mA
Input Supply Voltage
VCCI
Dual
3.135
3.3
5.25
V
Output Supply Voltage
VCCO
Dual
3.135
3.3
5.25
V
Positive Supply Differential
VCCO − VCCI
–0.2
+2.3
V
Power Dissipation
PD
Dual, without load
40
55
75
mW
Power Dissipation
Dual, with load
90
110
130
mW
DC Power Supply Rejection Ratio—VCCI
PSRRVCCI
75
dB
DC Power Supply Rejection Ratio—VCCO
PSRRVCCO
85
dB
POWER SUPPLY (ADCMP553)
Positive Supply Current
IVCC
@ 3.3 V without load
9
13
mA
Positive Supply Current
@ 3.3 V with load
35
42
mA
Positive Supply Voltage
VCC
Dual
3.135
3.3
5.25
V
Power Dissipation
PD
Dual, without load
30
42
mW
Power Dissipation
Dual, with load
60
75
mW
DC Power Supply Rejection Ratio—VCC
PSRRVCC
70
dB
HYSTERESIS (ADCMP552 Only)
Programmable Hysteresis
0
40
mV
1 Equivalent input rise time bandwidth assumes a first order input response and is calculated by the following formula: BWEQ = .22/
√ (tr
COMP
2 - trIN2),
where trIN is the 20/80 input transition time applied to the comparator and trCOMP is the effective transition time as digitized by the comparator input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com