Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7302ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7302ARMZ
Description  짹2 C Accurate, Micropower Digital Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7302ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7302ARMZ Datasheet HTML 6Page - Analog Devices ADT7302ARMZ Datasheet HTML 7Page - Analog Devices ADT7302ARMZ Datasheet HTML 8Page - Analog Devices ADT7302ARMZ Datasheet HTML 9Page - Analog Devices ADT7302ARMZ Datasheet HTML 10Page - Analog Devices ADT7302ARMZ Datasheet HTML 11Page - Analog Devices ADT7302ARMZ Datasheet HTML 12Page - Analog Devices ADT7302ARMZ Datasheet HTML 13Page - Analog Devices ADT7302ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADT7302
Rev. 0 | Page 10 of 16
–40°C
–0.03125°C
–30°C
11, 1111, 1111, 1111
11, 1100, 0100, 0000
11, 1011, 0000, 0000
TEMPERATURE (°C)
75°C
150°C
01, 0010, 1100, 0000
00, 1001, 0110, 0000
00, 0000, 0000, 0001
Figure 13. Temperature to Digital Transfer Function
SCLK
DOUT
DIN
POWER-
DOWN
LEADING ZEROS
DB13
DB0
1
23
4
15
16
t1
t2
t3
t4
t6
t5
t7
t8
DB12
DB1
DB0
CS
Figure 14. Serial Interface Timing Diagram
SERIAL INTERFACE
The serial interface on the ADT7302 consists of four wires: CS,
SCLK, DIN, and DOUT. The interface can be operated in
3-wire mode with DIN tied to ground, in which case the inter-
face has read-only capability, with data being read from the data
register via the DOUT line. It is advisable to always use CS to
create a communications window, as shown in Figure 13,
because this improves synchronization between the ADT7302
and the master device. The DIN line is used to write the part
into standby mode, if required. The CS line is used to select the
device when more than one device is connected to the serial
clock and data lines.
The part operates in slave mode and requires an externally
applied serial clock to the SCLK input to access data from the
data register. The serial interface on the ADT7302 allows the
part to be interfaced to systems that provide a serial clock
synchronized to the serial data, such as the 80C51, 87C51,
68HC11, 68HC05, and PIC16Cxx microcontrollers as well as
DSP processors.
A read operation from the ADT7302 accesses data from the
temperature value register while a write operation to the part
writes data to the control register.
Read Operation
Figure 14 shows the timing diagram for a serial read from the
ADT7302. The CS line enables the SCLK input. Thirteen bits of
data plus a sign bit are transferred during a read operation.
Read operations occur during streams of 16 clock pulses. The
first two bits out are leading zeros and the next 14 bits contain
the temperature data. If CS remains low and 16 more SCLK
cycles are applied, the ADT7302 loops around and outputs the
two leading zeros plus the 14 bits of data that are in the temper-
ature value register. When CS returns high, the DOUT line goes
into three-state. Data is clocked out onto the DOUT line on the
falling edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com