Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIP1A Datasheet(PDF) 1 Page - TOKO, Inc

Part # DIP1A
Description  DIPLEXER FOR CABLE MODEM / DIGITAL SET-TOP BOX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DIP1A Datasheet(HTML) 1 Page - TOKO, Inc

  DIP1A Datasheet HTML 1Page - TOKO, Inc DIP1A Datasheet HTML 2Page - TOKO, Inc DIP1A Datasheet HTML 3Page - TOKO, Inc DIP1A Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIP1A Series
DIPLEXER FOR CABLE MODEM / DIGITAL SET-TOP BOX
DESCRIPTION
The TOKO DIP1A Series of wirewound diplexers
contain an integrated coaxial F-connector and are
specifically designed for DOCSIS 2.0 broadband
communication platforms including cable modems,
digital set-top boxes, and residential gateways.
Ideal for digital silicon tuner applications, TOKO’s
RF filter design expertise provides for excellent
insertion loss and rejection performance in an
economical, fully shielded, and durable structure.
FEATURES
DIMENSIONS
TOKO Product Type: DIP1A
Fully Shielded Structure
Integrated F-connector
75
Ω Ports
DOCSIS 1.0/1.1/2.0 Compliant
Surge Protection Circuit
•
Bellcore 1089, Surge 1 First Level
Operating Temperature: 0
°C to + 70°C
Storage Temperature: - 40
°C to + 70°C
Humidity: 30 to 85% RH (w/out condensation)
Detailed specifications available upon request.
CONNECTIONS (BOTTOM VIEW)
2
1
3
1. F-connector (75
Ω)
2. Downstream (HPF) (7
Ω)
5
3. Upstream (LPF) (75
Ω)
Units: mm
Tolerance: ±0.3mm
ELECTRICAL SPECIFICATIONS
TOKO Part Number
Region of
Application
Low Pass Filter
Passband
(MHz)
High Pass Filter
Passband
(MHz)
Impedance
(
Ω)
Detailed
Specifications
R975ACITN-1029B
North America
5~42
88~860
75
Note 1
R975ACJVN-1041
Europe, China
5~65
108~860
75
Note 1
R975ACITN-1036B
Japan
10~55
90~770
75
Note 1
Note 1: Detailed specifications to qualified customers available upon request. Contact TOKO America for details http://www.tokoam.com/.
June 2003
1
 2003 TOKO America, Inc.
CF-276-DIP1A
All Rights Reserved
Printed in USA


Similar Part No. - DIP1A

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DIP11-11-001A SENSATA-DIP11-11-001A Datasheet
90Kb / 2P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
DIP11-11-001A SENSATA-DIP11-11-001A Datasheet
85Kb / 1P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
Rev. 04/01/2024
DIP11-11-001A SENSATA-DIP11-11-001A_V01 Datasheet
85Kb / 1P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
Rev. 04/01/2024
logo
Meder Electronic
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A31-12D_DE MEDER-DIP12-1A31-12D_DE Datasheet
103Kb / 2P
(deutsch) DIP Reed Relay
More results

Similar Description - DIP1A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9873 AD-AD9873 Datasheet
935Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
14-Jul-2000
AD9877 AD-AD9877 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
5/05-Rev. A to Rev. B
AD9879 AD-AD9879 Datasheet
364Kb / 24P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV.0
logo
List of Unclassifed Man...
MT2050 ETC1-MT2050 Datasheet
288Kb / 2P
CABLE MODEM TUNER AND DIGITAL SET-TOP BOX APPLICATIONS
logo
Analog Devices
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
logo
TOKO, Inc
R975ACITN-1140 TOKO-R975ACITN-1140 Datasheet
216Kb / 2P
Diplexers for Digital CATV Set Top Box and Cable Modem
logo
Analog Devices
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9877 AD-AD9877_17 Datasheet
491Kb / 37P
Set-Top Box, Cable Modem
23-Feb-2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com