Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM76 Datasheet(PDF) 2 Page - Bi technologies

Part # HM76
Description  Drum Core, Space Efficient High Performance Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM76 Datasheet(HTML) 2 Page - Bi technologies

  HM76 Datasheet HTML 1Page - Bi technologies HM76 Datasheet HTML 2Page - Bi technologies HM76 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
57
Notes:
(1) Inductance is measured at 100kHz, 0.1 Vrms, without DC current.
(2) Rated DC current at which inductance will be decreased by 10% from its initial value or the DC current
at which
∆T = 40°C, whichever is smaller.
(3) Resistance is measured with both windings connected in parallel (case size 40 only).
(4) Rated current will be decreased by 50% when parts are connected as coupled inductors.
Specifications (Case Size 30 and 40)
DC Resistance
Rated
Part
Inductance
@ 25°C (3)
Current (2,4)
Number
µH ± 20% (1)
Ω Max
Amps
Schematic
Figure
HM76-30100JLF
10
0.04
4.60
A
1
HM76-30150JLF
15
0.05
3.70
A
1
HM76-30220JLF
22
0.07
3.10
A
1
HM76-30330JLF
33
0.11
2.50
A
1
HM76-30470JLF
47
0.16
2.00
A
1
HM76-30680JLF
68
0.20
1.80
A
1
HM76-30820JLF
82
0.24
1.58
A
1
HM76-30101JLF
100
0.30
1.50
A
1
HM76-30151JLF
150
0.44
1.20
A
1
HM76-30221JLF
220
0.64
1.00
A
1
HM76-30331JLF
330
1.00
0.80
A
1
HM76-30471JLF
470
1.50
0.50
A
1
HM76-30681JLF
680
2.20
0.40
A
1
HM76-30102JLF
1,000
3.15
0.30
A
1
HM76-403R3JLF
3.3
0.01
9.80
B
3
HM76-404R7JLF
4.7
0.01
9.30
B
3
HM76-406R8JLF
6.8
0.02
7.70
B
3
HM76-408R2JLF
8.2
0.02
7.00
B
3
HM76-40100JLF
10
0.02
6.50
B
3
HM76-40150JLF
15
0.03
5.30
B
3
HM76-40220JLF
22
0.04
4.40
B
3
HM76-40330JLF
33
0.06
3.50
B
3
HM76-40470JLF
47
0.07
3.00
B
3
HM76-40680JLF
68
0.11
2.50
B
3
HM76-40820JLF
82
0.12
2.20
B
3
HM76-40101JLF
100
0.15
2.00
B
3
HM76-40151JLF
150
0.22
1.70
B
3
HM76-40221JLF
220
0.33
1.30
B
3
HM76-40331JLF
330
0.45
1.10
B
3
HM76-40471JLF
470
0.70
0.93
B
3
HM76-40681JLF
680
1.00
0.78
B
3
HM76-40102JLF
1,000
1.45
0.65
B
3
HM76-50R78JLF
0.78
0.003
15.0
A
4
HM76-501R3JLF
1.3
0.0043
13.7
A
4
HM76-502R2JLF
2.2
0.006
12.0
A
4
HM76-503R3JLF
3.3
0.008
9.80
A
4
HM76-505R6JLF
5.6
0.010
7.50
A
4
HM76-50100JLF
10
0.023
6.00
A
4
HM76-50150JLF
15
0.035
4.50
A
4
HM76-50220JLF
22
0.045
4.00
A
4
HM76-50330JLF
33
0.075
3.00
A
4
HM76-50470JLF
47
0.096
2.60
A
4
HM76-50680JLF
68
0.140
2.30
A
4
HM76-50101JLF
100
0.190
1.70
A
4
HM76-50151JLF
150
0.290
1.50
A
4
HM76-50221JLF
220
0.410
1.20
A
4
HM76-50331JLF
330
0.540
1.00
A
4
HM76-50471JLF
470
0.800
0.83
A
4
HM76-50681JLF
680
1.150
0.72
A
4
HM76-50102JLF
1,000
1.800
0.56
A
4
Specifications (Case Size 50)
DC Resistance
Rated
Part
Inductance
@ 25°C (3)
Current (2,4)
Number
µH ± 20% (1)
Ω Max
Amps
Schematic
Figure



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com