Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1870 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1870
Description  Single-Supply 16-Bit Stereo ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1870 Datasheet(HTML) 2 Page - Analog Devices

  AD1870 Datasheet HTML 1Page - Analog Devices AD1870 Datasheet HTML 2Page - Analog Devices AD1870 Datasheet HTML 3Page - Analog Devices AD1870 Datasheet HTML 4Page - Analog Devices AD1870 Datasheet HTML 5Page - Analog Devices AD1870 Datasheet HTML 6Page - Analog Devices AD1870 Datasheet HTML 7Page - Analog Devices AD1870 Datasheet HTML 8Page - Analog Devices AD1870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD1870–SPECIFICATIONS
REV. A
–2–
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages
5.0
V
Ambient Temperature
25
°C
Input Clock (fCLKIN) [256
× fS]
12.288
MHz
Input Signal
991.768
Hz
–0.5
dB Full Scale
Measurement Bandwidth
23.2 Hz to 19.998 kHz
Load Capacitance on Digital Outputs
50
pF
Input Voltage HI (VIH)
2.4
V
Input Voltage LO (VIL)
0.8
V
Master Mode, Data I
2S-Justified (Refer to Figure 14).
Device Under Test (DUT) bypassed and decoupled as shown in Figure 3.
DUT is antialiased and ac-coupled as shown in Figure 2. DUT is calibrated.
Values in bold typeface are tested; all others are guaranteed but not tested.
ANALOG PERFORMANCE
Min
Typ
Max
Unit
Resolution
16
Bits
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
Without A-Weight Filter
89
93
dB
With A-Weight Filter
92
96
dB
Signal to (THD + Noise)
86.5
90.5
dB
Signal to THD
94
dB
Analog Inputs
Single-Ended Input Range (
± Full Scale)*
VREF
± 1.49
V
Input Impedance at Each Input Pin
32
k
Ω
VREF
2.05
2.25
2.55
V
DC Accuracy
Gain Error
±0.5
2.5
%
Interchannel Gain Mismatch
0.05
dB
Gain Drift
115
ppm/
°C
Midscale Offset Error (After Calibration)
±3
20
LSBs
Midscale Drift
–0.2
LSB/
°C
Crosstalk (EIAJ Method)
–110
–100
dB
*VIN p-p = VREF
× 1.326.
Minimum Input
V
V
Maximum Input
V
V
REF
REF
REF
REF
=
×
=+
×




–
.
.
1 326
2
1 326
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com