Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1990 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1990
Description  Audio Switching Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1990 Datasheet(HTML) 3 Page - Analog Devices

  AD1990_06 Datasheet HTML 1Page - Analog Devices AD1990_06 Datasheet HTML 2Page - Analog Devices AD1990_06 Datasheet HTML 3Page - Analog Devices AD1990_06 Datasheet HTML 4Page - Analog Devices AD1990_06 Datasheet HTML 5Page - Analog Devices AD1990_06 Datasheet HTML 6Page - Analog Devices AD1990_06 Datasheet HTML 7Page - Analog Devices AD1990_06 Datasheet HTML 8Page - Analog Devices AD1990_06 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD1990
Rev. 0 | Page 3 of 16
SPECIFICATIONS
Test conditions, unless otherwise specified.
Table 1.
Parameter
Ratings
SUPPLY VOLTAGES
AVDD
5 V
DVDD
5 V
PVDD
12 V
AMBIENT TEMPERATURE
25°C
LOAD IMPEDANCE
6 Ω
CLOCK FREQUENCY
12.288 MHz
PGA GAIN
0 dB
MEASUREMENT BANDWIDTH
20 Hz to 20 kHz
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RDS-ON
Per High-Side Transistor
260
355
mΩ
T = 25°C
Per Low-Side Transistor
210
265
mΩ
T = 25°C
MAXIMUM CURRENT THROUGH OUTx
5
A
Peak
THERMAL WARNING ACTIVE
135
°C
Die temperature
THERMAL SHUTDOWN ACTIVE
150
°C
Die temperature
RESTORE TEMPERATURE AFTER THERMAL SHUTDOWN
120
°C
Die temperature
Table 3. Performance Specifications
Parameter
Typ
Unit
Test Conditions/Comments
TOTAL HARMONIC DISTORTION AND NOISE (THD + N)
0.003
%
PGA = 0 dB, PO = 1 W, 1 kHz
0.006
%
PGA = 6 dB, PO = 1 W, 1 kHz
0.01
%
PGA = 12 dB, PO = 1 W, 1 kHz
0.02
%
PGA = 18 dB, PO = 1 W, 1 kHz
SIGNAL-TO-NOISE RATIO (SNR)
102
dB
1 kHz, A-weighted, 0 dB referred to 1% THD + N output
DYNAMIC RANGE (DNR)
102
dB
1 kHz, A-weighted, −60 dB referred to 1% THD + N output
CROSSTALK (LEFT-TO-RIGHT OR RIGHT-TO-LEFT)
−100
dB
PGA = 0 dB, PO = 5 W, 1 kHz
Table 4. DC Specifications
Parameter
Typ
Unit
Test Conditions/Comments
INPUT IMPEDANCE
20
kΩ
AINL, AINR input pins
OUTPUT DC OFFSET
±4
mV
Independent of PGA setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com