Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1990ACPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD1990ACPZ
Description  Audio Switching Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1990ACPZ Datasheet(HTML) 1 Page - Analog Devices

  AD1990ACPZ Datasheet HTML 1Page - Analog Devices AD1990ACPZ Datasheet HTML 2Page - Analog Devices AD1990ACPZ Datasheet HTML 3Page - Analog Devices AD1990ACPZ Datasheet HTML 4Page - Analog Devices AD1990ACPZ Datasheet HTML 5Page - Analog Devices AD1990ACPZ Datasheet HTML 6Page - Analog Devices AD1990ACPZ Datasheet HTML 7Page - Analog Devices AD1990ACPZ Datasheet HTML 8Page - Analog Devices AD1990ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Audio Switching Amplifier
AD1990
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Integrated stereo modulator and power stage
<0.002% THD + N
101 dB dynamic range (A-weighted)
2 × 5 W output power (4 Ω, <0.01% THD + N)
RDS-ON < 0.3 Ω (per transistor)
PSRR > 65 dB
On-off-mute pop noise suppression
EMI optimized modulator
Short-circuit protection
Overtemperature protection
Low cost DMOS process
APPLICATIONS
Advanced televisions
Compact multimedia systems
Minicomponents
GENERAL DESCRIPTION
The AD1990 is a 2-channel, bridge tied load (BTL), switching
audio power amplifier with integrated Σ-Δ modulator. The
modulator accepts a single-ended, analog input signal and
converts it to a switching waveform to drive speakers directly. A
digital, microprocessor-compatible interface provides control of
reset, mute, and PGA gain, as well as feedback signals for thermal
and overcurrent error conditions. The output stage can operate
over a power supply voltages range of 8 V to 12 V. The analog
modulator and digital logic operate from a 5 V supply.
FUNCTIONAL BLOCK DIAGRAM
B2
B1
A2
A1
OUTL+
LEVEL
SHIFTER
AND
DEAD TIME
CONTROL
H-BRIDGE
PGND
OUTL–
OUTR+
OUTR–
D2
D1
C2
C1
Σ-Δ
MODULATOR
Σ-Δ
MODULATOR
PGA
PGA
OSCILLATOR
VOLTAGE
REFERENCE
MODE CONTROL
LOGIC AND
POP/CLICK
SUPPRESSION
AGND
CLKI
CLKO
REF_FILT
AINR
AINL
PVDD
AVDD
DVDD
PGA1
PGA0
FEEDBACK
NETWORK
FEEDBACK
NETWORK
AD1990
Figure 1.


Similar Part No. - AD1990ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990ACPZ AD-AD1990ACPZ Datasheet
389Kb / 16P
Class-D Audio Power Amplifier
More results

Similar Description - AD1990ACPZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
Filterless High Efficiency 3W Switching Audio Amplifier
logo
Fairchild Semiconductor
KSB1116S FAIRCHILD-KSB1116S Datasheet
52Kb / 5P
Audio Frequency Power Amplifier Medium Speed Switching
logo
Analog Devices
AD1992 AD-AD1992_06 Datasheet
449Kb / 20P
Audio Switching Amplifier
4/06-Revision 0
AD1994 AD-AD1994_06 Datasheet
449Kb / 24P
Audio Switching Amplifier
2/06-Revision 0
logo
Toshiba Semiconductor
2SC3113 TOSHIBA-2SC3113_03 Datasheet
147Kb / 4P
For Audio Amplifier and Switching Applications
2SC3295 TOSHIBA-2SC3295_03 Datasheet
114Kb / 4P
Audio Frequency Amplifier Applications Switching Applications
2SC3295-B TOSHIBA-2SC3295-B Datasheet
195Kb / 4P
Audio Frequency Amplifier Applications Switching Applications
logo
Analog Devices
AD1990 AD-AD1990_15 Datasheet
405Kb / 16P
Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_15 Datasheet
1Mb / 24P
Audio Switching Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com