Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5991 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L5991
Description  PRIMARY CONTROLLER WITH STANDBY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5991 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L5991_01 Datasheet HTML 14Page - STMicroelectronics L5991_01 Datasheet HTML 15Page - STMicroelectronics L5991_01 Datasheet HTML 16Page - STMicroelectronics L5991_01 Datasheet HTML 17Page - STMicroelectronics L5991_01 Datasheet HTML 18Page - STMicroelectronics L5991_01 Datasheet HTML 19Page - STMicroelectronics L5991_01 Datasheet HTML 20Page - STMicroelectronics L5991_01 Datasheet HTML 21Page - STMicroelectronics L5991_01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
D97IN507
+
-
EA
Ri
+
1.3mA
Rd
R
2R
12
Cf
Rf
6
5
From VO
2.5V
+
-
EA
RP
+
1.3mA
Rd
R
2R
12
Cf
Rf
6
5
From VO
2.5V
Error Amp compensation circuit for stabilizing any current-mode topology except
for boost and flyback converters operating with continuous inductor current.
CP
Ri
Error Amp compensation circuit for stabilizing current-mode boost and flyback
topologies operating with continuous inductor current.
VFB
VFB
COMP
COMP
SGND
SGND
Figure 39. Typical E/A compensation networks.
L5991
COMP
D97IN759
TL431
VOUT
VFB
6
5
Figure 40. Feedback with optocoupler.
L5991
OPTIONAL
D97IN760A
I
VREF
SGND
RA
CT
RCT
RSLOPE
RSENSE
ISEN
L5991
OPTIONAL
I
VREF
SGND
RA
CT
RCT
RSLOPE
RSENSE
ISEN
L5991
OPTIONAL
OUT
SGND
R
RSLOPE
RSENSE
ISEN
CSLOPE
4
2
13
12
4
2
13
12
13
12
10
RB
16
ST-BY
16
ST-BY
RB
Figure 41. Slope compensation techniques.
L5991 - L5991A
18/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com