Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1069AS-120M Datasheet(PDF) 3 Page - TOKO, Inc

Part # 1069AS-120M
Description  Fixed Inductors for Surface Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1069AS-120M Datasheet(HTML) 3 Page - TOKO, Inc

  1069AS-120M Datasheet HTML 1Page - TOKO, Inc 1069AS-120M Datasheet HTML 2Page - TOKO, Inc 1069AS-120M Datasheet HTML 3Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fixed Inductors for Surface Mounting 面実装
づけ
用 固定インダクタ
TYPE DB3020C (High current Type 大電流タイプ, Quantity / reel; 2,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max. (Typ.)
Inductance
Discrease Current(3)
(A) Max. (Typ.)
∆ L/L=30%
Temperature
Rise Current(3)
∆ T=40°C
(A) Max. (Typ.)
1070AS-1R0N
1.0
± 30
47 (39)
2.10 (2.70)
1.90 (2.20)
1070AS-1R2N
1.2
± 30
52 (43)
1.80 (2.40)
1.80 (2.10)
1070AS-1R5N
1.5
± 30
58 (48)
1.60 (2.10)
1.70 (2.00)
1070AS-2R0N
2.0
± 30
62 (52)
1.40 (1.90)
1.60 (1.90)
1070AS-2R4N
2.4
± 30
70 (58)
1.30 (1.70)
1.50 (1.70)
1070AS-3R0N
3.0
± 30
77 (64)
1.20 (1.50)
1.40 (1.60)
1070AS-3R3N
3.3
± 30
85 (70)
1.10 (1.40)
1.30 (1.50)
1070AS-3R9N
3.9
± 30
96 (80)
1.00 (1.30)
1.20 (1.40)
1070AS-4R7N
4.7
± 30
120 (100)
0.90 (1.20)
1.05 (1.20)
1070AS-5R6N
5.6
± 30
150 (125)
0.83 (1.10)
0.95 (1.10)
1070AS-6R8N
6.8
± 30
175 (145)
0.76 (1.00)
0.86 (1.00)
1070AS-8R2N
8.2
± 30
195 (160)
0.67 (0.90)
0.83 (0.95)
1070AS-100M
10.0
± 20
205 (170)
0.64 (0.85)
0.77 (0.90)
1070AS-120M
12.0
± 20
270 (225)
0.56 (0.75)
0.66 (0.77)
1070AS-150M
15.0
± 20
360 (300)
0.49 (0.65)
0.58 (0.68)
1070AS-180M
18.0
± 20
480 (400)
0.44 (0.60)
0.48 (0.56)
1070AS-220M
22.0
± 20
640 (535)
0.41 (0.54)
0.41 (0.48)
1070AS-270M
27.0
± 20
730 (610)
0.36 (0.48)
0.37 (0.42)
TYPE DB3020C (Low DC resistance Type 低直流抵抗タイプ Quantity / reel; 2,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max. (Typ.)
Inductance
Discrease Current(3)
(A) Max. (Typ.)
∆ L/L=30%
Temperature
Rise Current(3)
∆ T=40°C
(A) Max. (Typ.)
1070BS-1R0N
1.0
± 30
41 (34)
1.40 (1.90)
2.10 (2.40)
1070BS-1R2N
1.2
± 30
47 (39)
1.30 (1.70)
1.90 (2.20)
1070BS-1R5N
1.5
± 30
52 (43)
1.10 (1.50)
1.80 (2.10)
1070BS-2R0N
2.0
± 30
58 (48)
0.97 (1.30)
1.70 (2.00)
1070BS-2R4N
2.4
± 30
62 (52)
0.90 (1.20)
1.60 (1.90)
1070BS-3R0N
3.0
± 30
70 (58)
0.80 (1.05)
1.50 (1.80)
1070BS-3R3N
3.3
± 30
74 (62)
0.73 (0.97)
1.45 (1.70)
1070BS-3R9N
3.9
± 30
77 (64)
0.69 (0.90)
1.40 (1.60)
1070BS-4R3N
4.3
± 30
90 (75)
0.63 (0.85)
1.30 (1.50)
1070BS-5R6N
5.6
± 30
110 (90)
0.56 (0.75)
1.20 (1.40)
1070BS-6R2N
6.2
± 30
120 (100)
0.53 (0.70)
1.10 (1.30)
1070BS-8R2N
8.2
± 30
155 (130)
0.46 (0.61)
0.90 (1.10)
1070BS-100M
10.0
± 20
200 (165)
0.41 (0.55)
0.80 (0.91)
1070BS-120M
12.0
± 20
245 (205)
0.37 (0.48)
0.73 (0.86)
1070BS-150M
15.0
± 20
270 (225)
0.34 (0.45)
0.70 (0.83)
1070BS-180M
18.0
± 20
305 (255)
0.31 (0.41)
0.63 (0.74)
1070BS-220M
22.0
± 20
350 (290)
0.27 (0.37)
0.57 (0.67)
1070BS-270M
27.0
± 20
445 (370)
0.25 (0.34)
0.50 (0.59)
1070BS-330M
33.0
± 20
610 (510)
0.23 (0.30)
0.39 (0.46)
1070BS-390M
39.0
± 20
800 (670)
0.21 (0.28)
0.33 (0.40)
SELECTION GUIDE FOR STANDARD COILS
(1) Inductance is measured with a LCR meter 4284A * or equvalent.
Test frequency at 100kHz
(2) DC Resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, coil temperature to rise
by 40
℃, whichever is smaller.
( Reference ambient temperature 20
℃)
* Agilent Technologies
(1) インダクタンスはLCRメータ4284A * または同等品により測定する。
測定周波数は100kHzです。
(2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等品
により測定する。
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が初期
値より30%減少する直流電流値、または直流電流により、コイルの
温度が40℃上昇の何れか小さい値です。
(周囲温度20℃を基準とする。)
* Agilent Technologies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com