Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8056ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8056ARMZ
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8056ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8056ARMZ Datasheet HTML 8Page - Analog Devices AD8056ARMZ Datasheet HTML 9Page - Analog Devices AD8056ARMZ Datasheet HTML 10Page - Analog Devices AD8056ARMZ Datasheet HTML 11Page - Analog Devices AD8056ARMZ Datasheet HTML 12Page - Analog Devices AD8056ARMZ Datasheet HTML 13Page - Analog Devices AD8056ARMZ Datasheet HTML 14Page - Analog Devices AD8056ARMZ Datasheet HTML 15Page - Analog Devices AD8056ARMZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8055/AD8056
Rev. J | Page 12 of 16
APPLICATIONS
FOUR-LINE VIDEO DRIVER
Between these points, a feedback resistor can be used to close
the loop. As in the case of a conventional op amp inverting gain
stage, an input resistor is added to vary the gain.
The AD8055 is a useful low cost circuit for driving up to four
video lines. For such an application, the amplifier is configured
for a noninverting gain of 2, as shown in Figure 36. The input
video source is terminated in 75 Ω and is applied to the high
impedance noninverting input.
/R
The gain of this circuit from the input to AMP1 output is RF I,
while the gain to the output of AMP2 is −R /R
F
I
. The circuit
therefore creates a balanced differential output signal from a
single-ended input. The advantage of this circuit is that the gain
can be changed by changing a single resistor, while still
maintaining the balanced differential outputs.
Each output cable is connected to the op amp output via a 75 Ω
series back termination resistor for proper cable termination.
The terminating resistors at the other ends of the lines divide
the output signal by 2, which is compensated for by the gain of 2
of the op amp stage.
75Ω
+5V
–5V
AD8056
402Ω
402Ω
402Ω
402Ω
49.9Ω
49.9Ω
1
2
3
8
AMP1
5
6
7
4
AMP2
0.1µF
RF
402Ω
RI
402Ω
10µF
0.1µF
10µF
VIN
+VOUT
–VOUT
For a single load, the differential gain error of this circuit was
measured as 0.01%, with a differential phase error of 0.02°. The
two load measurements were 0.02% and 0.03°, respectively. For
four loads, the differential gain error is 0.02%, while the
differential phase increases to 0.1°.
VOUT3
AD8055
+5V
–5V
6
7
2
3
4
75Ω
75Ω
75Ω
75Ω
75Ω
75Ω
75Ω
75Ω
VOUT1
VOUT2
VOUT4
0.1µF
0.1µF
10µF
10µF
75Ω
402Ω
402Ω
VIN
Figure 37. Single-Ended-to-Differential Line Driver
Figure 36. Four-Line Video Driver
LOW NOISE, LOW POWER PREAMP
SINGLE-ENDED-TO-DIFFERENTIAL LINE DRIVER
The AD8055 makes a good, low cost, low noise, low power
preamp. A gain-of-10 preamp can be made with a feedback
resistor of 909 Ω and a gain resistor of 100 Ω, as shown in
Creating differential signals from single-ended signals is
required for driving balanced, twisted pair cables, differential
input ADCs, and other applications that require differential
signals. This can be accomplished by using an inverting and a
noninverting amplifier stage to create the complementary
signals.
Figure 38. The circuit has a −3 dB bandwidth of 20 MHz.
0.1µF
10µF
0.1µF
10µF
+5V
–5V
+
AD8055 6
7
2
3
4
VOUT
RS
909Ω
100Ω
The circuit shown in Figure 37 shows how an AD8056 can be
used to make a single-ended-to-differential converter that offers
some advantages over the architecture previously mentioned.
Each op amp is configured for unity gain by the feedback
resistors from the outputs to the inverting inputs. In addition,
each output drives the opposite op amp with a gain of −1 by
means of the crossed resistors. The result of this is that the
outputs are complementary and there is high gain in the overall
configuration.
Figure 38. Low Noise, Low Power Preamp with G = +10 and BW = 20 MHz
With a low source resistance (< approximately 100 Ω), the
major contributors to the input-referred noise of this circuit are
the input voltage noise of the amplifier and the noise of the
100 Ω resistor. These are 6 nV/√Hz and 1.2 nV/√Hz, respectively.
These values yield a total input referred noise of 6.1 nV/√Hz.
Feedback techniques similar to a conventional op amp are used
to control the gain of the circuit. From the noninverting input
of AMP1 to the output of AMP2 is an inverting gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com