Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8231 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8231
Description  Zero Drift, Digital Programmable Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231 Datasheet(HTML) 2 Page - Analog Devices

  AD8231 Datasheet HTML 1Page - Analog Devices AD8231 Datasheet HTML 2Page - Analog Devices AD8231 Datasheet HTML 3Page - Analog Devices AD8231 Datasheet HTML 4Page - Analog Devices AD8231 Datasheet HTML 5Page - Analog Devices AD8231 Datasheet HTML 6Page - Analog Devices AD8231 Datasheet HTML 7Page - Analog Devices AD8231 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD8231
Preliminary Data Sheet
Rev. PrC | Page 2 of 8
SPECIFICATIONS
Table 1. VS = 5 V, VREF = 2.5 V, G=1, RL = 10 kΩ, -40°C ≤TA ≤ +125°C unless otherwise noted).
Parameter
Conditions
Min
Typ
Max
Unit
INSTRUMENTATION AMPLIFIER
OFFSET VOLTAGE
VOS RTI = VOSI + VOSO/G
Input Offset, VOSI
5
25
μV
Average Temperature Drift
0.01
0.05
μV/°C
Output Offset, VOSO
15
50
μV
Average Temperature Drift
0.02
0.1
μV/°C
INPUT CURRENTS
Input Bias Current
TA = 25°C
200
400
pA
1
nA
Input Offset Current
TA = 25°C
50
100
pA
0.5
nA
GAINS
1, 2, 4, 8, 16, 32, 64, 128
Gain Error
G = 1
0.1
0.3
%
G = 2 to 128
1
TBD
%
Gain Drift
G = 1
2
10
ppm/°C
G = 2 to 128
2
10
ppm/°C
Gain Nonlinearity
VOUT = 0.1 to 4.9V
G= 1
5
ppm
G= 8
TBD
ppm
G= 128
TBD
ppm
CMRR
G=1
80
100
dB
G=2
86
106
dB
G=4
92
112
dB
G=8
98
118
dB
G=16
104
124
dB
G=32
110
130
dB
G=64
116
136
dB
G=128
122
142
dB
NOISE
Noise RTI = sqrt(eni2 + (eno/G)2
VIN+, VIN− =2.5V ; TA = 25°C
Input Voltage Noise, eni
f = 1 kHz,
32
nV/√Hz
f = 0.1 Hz to 10 Hz
0.7
μV p-p
f = 0.01 Hz to 1 Hz
0.2
μV p-p
Output Voltage Noise, eno
f = 1 kHz
60
nV/√Hz
f = 0.1 Hz to 10 Hz
1
μV p-p
f = 0.01 Hz to 1 Hz
0.5
μV p-p
OTHER INPUT CHARACTERISTICS
Differential Input Impedance
Common Mode
10||5
GΩ||pF
Common Mode Input Impedance
Differential
10||5
GΩ||pF
Power Supply Rejection Ratio
100
110
dB
Input Operating Voltage Range
0.05
4.95
V
REFERENCE INPUT
Input Impedance
10||10
GΩ||pF
Voltage Range
0.05
4.95
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com