Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8315ARM Datasheet(PDF) 23 Page - Analog Devices

Part # AD8315ARM
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARM Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8315ARM Datasheet HTML 16Page - Analog Devices AD8315ARM Datasheet HTML 17Page - Analog Devices AD8315ARM Datasheet HTML 18Page - Analog Devices AD8315ARM Datasheet HTML 19Page - Analog Devices AD8315ARM Datasheet HTML 20Page - Analog Devices AD8315ARM Datasheet HTML 21Page - Analog Devices AD8315ARM Datasheet HTML 22Page - Analog Devices AD8315ARM Datasheet HTML 23Page - Analog Devices AD8315ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD8315
Rev. C | Page 23 of 24
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
AD8315ARM
−30°C to +85°C
8-Lead MSOP, Tube
RM-8
50
J7A
AD8315ARM-REEL
−30°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
3,000
J7A
AD8315ARM-REEL7
−30°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
1,000
J7A
AD8315ARMZ1
−30°C to +85°C
8-Lead MSOP, Tube
RM-8
50
Q0S
AD8315ARMZ-RL1
−30°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
3,000
Q0S
AD8315-EVAL
MSOP Evaluation Board
AD8315ACP-REEL
−30°C to +85°C
8-Lead LFCSP_VD, 13" Tape and Reel
CP-8-1
10,000
J7
AD8315ACP-REEL7
−30°C to +85°C
8-Lead LFCSP_VD, 7" Tape and Reel
CP-8-1
3,000
J7
AD8315ACPZ-REEL1
−30°C to +85°C
8-Lead LFCSP_VD, 13" Tape and Reel
CP-8-1
10,000
0J
AD8315ACPZ-REEL71
−30°C to +85°C
8-Lead LFCSP_VD, 7" Tape and Reel
CP-8-1
3,000
0J
AD8315ACP-EVAL
LFCSP_VD Evaluation Board
AD8315CSURF
Die, Surf Tape
DIE
5,000
AD8315ACHIPS
Die, Waffle Pack
DIE
325
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com