Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8331ARQ Datasheet(PDF) 39 Page - Analog Devices

Part # AD8331ARQ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD8331ARQ Datasheet HTML 32Page - Analog Devices AD8331ARQ Datasheet HTML 33Page - Analog Devices AD8331ARQ Datasheet HTML 34Page - Analog Devices AD8331ARQ Datasheet HTML 35Page - Analog Devices AD8331ARQ Datasheet HTML 36Page - Analog Devices AD8331ARQ Datasheet HTML 37Page - Analog Devices AD8331ARQ Datasheet HTML 38Page - Analog Devices AD8331ARQ Datasheet HTML 39Page - Analog Devices AD8331ARQ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 39 of 40
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-AE
28
15
14
1
8°
0°
SEATING
PLANE
COPLANARITY
0.10
1.20 MAX
6.40 BSC
0.65
BSC
PIN 1
0.30
0.19
0.20
0.09
4.50
4.40
4.30
0.75
0.60
0.45
9.80
9.70
9.60
0.15
0.05
Figure 95. 28-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-28)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-137-AD
20
11
10
1
PIN 1
8°
0°
0.010
0.004
0.012
0.008
0.025
BSC
COPLANARITY
0.004
0.065
0.049
0.069
0.053
SEATING
PLANE
0.010
0.006
0.050
0.016
0.345
0.341
0.337
0.158
0.154
0.150
0.244
0.236
0.228
Figure 96. 20-Lead Shrink Small Outline Package [QSOP]
(RQ-20)
Dimensions shown in Inches
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
0.50
0.40
0.30
3.50 REF
0.50
BSC
PIN 1
INDICATOR
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
3.25
3.10 SQ
2.95
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
THE EXPOSE PAD IS NOT CONNECTED
INTERNALLY. FOR INCREASED RELIABILITY
OF THE SOLDER JOINTS AND MAXIMUM
THERMAL CAPABILITY IT IS RECOMMENDED
THAT THE PAD BE SOLDERED TO
THE GROUND PLANE.
Figure 97. 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 mm × 5 mm Body, Very Thin Quad
(CP-32-2)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com