Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8331ARQZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8331ARQZ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8331ARQZ Datasheet HTML 17Page - Analog Devices AD8331ARQZ Datasheet HTML 18Page - Analog Devices AD8331ARQZ Datasheet HTML 19Page - Analog Devices AD8331ARQZ Datasheet HTML 20Page - Analog Devices AD8331ARQZ Datasheet HTML 21Page - Analog Devices AD8331ARQZ Datasheet HTML 22Page - Analog Devices AD8331ARQZ Datasheet HTML 23Page - Analog Devices AD8331ARQZ Datasheet HTML 24Page - Analog Devices AD8331ARQZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 21 of 40
LMD
18nF
22pF
IN
OUT
0.1µF
LNA
NETWORK ANALYZER
28Ω
237Ω
28Ω
1:1
50Ω
50Ω
0.1µF
AND
10µF
0.1µF
AND
10µF
0.1µF
AND
10µF
INH
237Ω
10kΩ
VGA
FERRITE
BEAD
120nH
Figure 58. Group Delay vs. Frequency for Two Values of AC Coupling
LMD
18nF
22pF
0.1µF
DUT
0.1µF
28Ω
237Ω
28Ω
0.1µF
INH
237Ω
50Ω
1:1
0.1µF
OUT
NETWORK
ANALYZER
50Ω
270Ω
FERRITE
BEAD
120nH
Figure 59. LNA Input Impedance vs. Frequency in Standard and Smith Chart (S11) Formats
LMD
22pF
0.1µF
LNA
28Ω
237Ω
28Ω
1:1
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
INH
237Ω
IN
OUT
NETWORK ANALYZER
50Ω
50Ω
VGA
FERRITE
BEAD
120nH
Figure 60. Frequency Response for Unterminated LNA, Single Ended
LMD
18nF
22pF
0.1µF
DUT
0.1µF
28Ω
237Ω
28Ω
0.1µF
INH
237Ω
1:1
0.1µF
IN
NETWORK
ANALYZER
50Ω
270Ω
FERRITE
BEAD
120nH
Figure 61. Short-Circuit, Input-Referred Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com