Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01A Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT24C01A
Description  Two-wire Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01A Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT24C01A Datasheet HTML 18Page - ATMEL Corporation AT24C01A Datasheet HTML 19Page - ATMEL Corporation AT24C01A Datasheet HTML 20Page - ATMEL Corporation AT24C01A Datasheet HTML 21Page - ATMEL Corporation AT24C01A Datasheet HTML 22Page - ATMEL Corporation AT24C01A Datasheet HTML 23Page - ATMEL Corporation AT24C01A Datasheet HTML 24Page - ATMEL Corporation AT24C01A Datasheet HTML 25Page - ATMEL Corporation AT24C01A Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
25
AT24C01A/02/04/08A/16A
0180Z–SEEPR–11/06
8U3-1 – dBGA2
1150 E. Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
TITLE
DRAWING NO.
R
REV.
PO8U3-1
A
6/24/03
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
8U3-1, 8-ball, 1.50 x 2.00 mm Body, 0.50 mm pitch,
Small Die Ball Grid Array Package (dBGA2)
A
0.71
0.81
0.91
A1
0.10
0.15
0.20
A2
0.40
0.45
0.50
b
0.20
0.25
0.30
D
1.50 BSC
E
2.00 BSC
e
0.50 BSC
e1
0.25 REF
d
1.00 BSC
d1
0.25 REF
1. Dimension “b” is measured at the maximum solder ball diameter.
This drawing is for general information only.
Bottom View
8 SOLDER BALLS
b
D
E
Top View
PIN 1 BALL PAD CORNER
A
Side View
A2
A1
4
5
PIN 1 BALL PAD CORNER
3
1
e
2
6
7
8
d
(e1)
(d1)
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com