Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25128 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT25128
Description  SPI Serial EEPROMs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT25128 Datasheet HTML 2Page - ATMEL Corporation AT25128 Datasheet HTML 3Page - ATMEL Corporation AT25128 Datasheet HTML 4Page - ATMEL Corporation AT25128 Datasheet HTML 5Page - ATMEL Corporation AT25128 Datasheet HTML 6Page - ATMEL Corporation AT25128 Datasheet HTML 7Page - ATMEL Corporation AT25128 Datasheet HTML 8Page - ATMEL Corporation AT25128 Datasheet HTML 9Page - ATMEL Corporation AT25128 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
AT25128/256
0872O–SEEPR–03/05
Figure 2. SPI Serial Interface
Functional
Description
The AT25128/256 is designed to interface directly with the synchronous serial periph-
eral interface (SPI) of the 6800 type series of microcontrollers.
The AT25128/256 utilizes an 8-bit instruction register. The list of instructions and their
operation codes are contained in Table 5. All instructions, addresses, and data are
transferred with the MSB first and start with a high-to-low CS transition.
AT25128/256
Table 5. Instruction Set for the AT25128/256
Instruction Name
Instruction Format
Operation
WREN
0000 X110
Set Write Enable Latch
WRDI
0000 X100
Reset Write Enable Latch
RDSR
0000 X101
Read Status Register
WRSR
0000 X001
Write Status Register
READ
0000 X011
Read Data from Memory Array
WRITE
0000 X010
Write Data to Memory Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com