Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL34F Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SL34F
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SL34F Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SL34F Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SL34F Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL34F THRU SL320F
Features
· Low profile package
· Ideal for automated placement
· Low power losses, high efficiency
· Low forward voltage drop
· High surge capability
· High temperature soldering:
· Component in accordance to
Maximum R
(TA
)
Notes:
(
)
copper pad areas.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
VDC
Average rectified output current at
TL
V
Symbols
Units
VRMS
A
IFSM
A
Peak reverse current at
rated DC blocking voltage
IF=3.0A
Rating for fusing (t<8.3ms)
V
mA
TA
TA
I2t
IR
Items
Mechanical Data
· Case : SMAF, Molded Plastic
· Terminals : Solder Plated, Solderable
· Polarity : Cathode Band or Cathode Notch
VRRM
IF(AV)
V
80
Operating junction and storage
temperature range
TJ,TSTG
A2s
Typical Thermal Resistance (2)
R JL
88
Typical Junction Capacitance
CJ
28
pF
3.0
V
VF
80
80
SL38F
70
Dimensions in inches and (millimeters)
40
28
40
SL34F
60
42
60
SL36F
200
200
SL320F
Instantaneous forward voltage at
SCHOTTKY BARRIER RECTIFIER
DAESAN ELECTRONIC CORP.
SMAF


Similar Part No. - SL34F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL34F ETC2-SL34F Datasheet
286Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SL34F CHENDA-SL34F Datasheet
391Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SL34F CHENDA-SL34F Datasheet
224Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SL34F YANGJIE-SL34F Datasheet
172Kb / 2P
Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL34F BILIN-SL34F Datasheet
449Kb / 4P
Schottky Barrier Rectifiers
More results

Similar Description - SL34F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com