Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL36F Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SL36F
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SL36F Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SL36F Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SL36F Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEAD TEMPERATURE ( )
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
RATINGS AND CHARACTERISTIC CURVES SL34F THRU SL320F
25
50
150
125
75
3.0
2.4
1.8
1.2
0.6
0
1
0.01
1
1000
100
10
100
0
20
80
60
40
0.1
10
100
80
60
40
20
0
100
0.01
1
10
0.1
0
0.4
0.8
1.2
100
https://dec.co.kr
DAESAN ELECTRONIC CORP.
SINGLE HALF SINE WAVE
(JEDEC METHOD)
TA=100
TJ=25
TJ=100
SL34F~SL35F
SL315F~SL320F
SL38F~SL310F
SL36F
TA=25
PULSE WIDTH=300 s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com