Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7B31 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B31
Description  Isolated Voltage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B31 Datasheet(HTML) 2 Page - Analog Devices

  7B31 Datasheet HTML 1Page - Analog Devices 7B31 Datasheet HTML 2Page - Analog Devices 7B31 Datasheet HTML 3Page - Analog Devices 7B31 Datasheet HTML 4Page - Analog Devices 7B31 Datasheet HTML 5Page - Analog Devices 7B31 Datasheet HTML 6Page - Analog Devices 7B31 Datasheet HTML 7Page - Analog Devices 7B31 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B31
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B31 is a single-channel signal conditioning module that
interfaces, amplifies and filters unipolar and bipolar voltage
inputs and provides a protected precision output of either +1 V
to +5 V or 0 V to +10 V. Model 7B31 features a nonlinearity of
+0.02% maximum and an accuracy of +0.1% maximum
(+0.01% typical). To accurately measure low level signals in
electrically noisy environments, 1500 V rms of galvanic
transformer-based isolation with a common mode rejection
(CMR) of 120 dB @ 50/60 Hz and a normal mode rejection
(NMR) of 60 dB @ 50/60 Hz are provided. Rated to operate
with a nominal +24 VDC supply, Model 7B31 is mix-and-match
and hot-swappable with other 7B Series input modules, so it can
be inserted or removed from any socket in the same backplane
without disturbing system power.
The floating differential input of Model 7B31 is fully protected
up to 120 V rms line voltage. A one-pole 3 Hz filter
preconditions the input signal prior to amplification by a low
drift input (1500 V rms input-to-output and power). Isolated
front-end circuitry power is supplied by a DC/DC converter.
The output section contains a two-pole low pass filter (-3 dB @
3 Hz), a buffer amplifier and a power oscillator. The two-pole
output filter and subsequent buffer ensures that a low noise, low
impedance (<1Ω) signal is available at the output to drive loads
of 2 kΩ minimum.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com