Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2005DR Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2005DR
Description  LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2005DR Datasheet(HTML) 3 Page - Texas Instruments

  LM2005DR Datasheet HTML 1Page - Texas Instruments LM2005DR Datasheet HTML 2Page - Texas Instruments LM2005DR Datasheet HTML 3Page - Texas Instruments LM2005DR Datasheet HTML 4Page - Texas Instruments LM2005DR Datasheet HTML 5Page - Texas Instruments LM2005DR Datasheet HTML 6Page - Texas Instruments LM2005DR Datasheet HTML 7Page - Texas Instruments LM2005DR Datasheet HTML 8Page - Texas Instruments LM2005DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
BST
GH
SH
GL
GVDD
INH
INL
GND
Not to scale
1
2
3
4
5
6
7
8
Figure 5-1. D Package, 8-Pin SOIC (Top View)
1
2
3
4
5
6
7
8
GVDD
INH
INL
GND
BST
GH
SH
GL
Not to scale
Thermal
Pad
Figure 5-2. DSG Package, 8-Pin WSON (Top View)
Table 5-1. Pin Functions
PIN
DESCRIPTION
NO.(1)
NAME
TYPE(2)
1
GVDD
P
Gate driver positive supply rail. Locally decouple to ground using low ESR and ESL capacitor
located as close to IC as possible.
2
INH
I
High-side control input. The INH input is compatible with TTL and CMOS input thresholds.
Unused INH input must be tied to ground and not left open.
3
INL
I
Low-side control input. The INL input is compatible with TTL and CMOS input thresholds.
Unused INL input must be tied to ground and not left open.
4
GND
G
Ground. All signals are referenced to this ground.
5
GL
O
Low-side gate driver output. Connect to the gate of the low-side MOSFET or one end of
external gate resistor, when used.
6
SH
P
High-side source connection. Connect to the negative terminal of the bootstrap capacitor and
to the source of the high-side MOSFET.
7
GH
O
High-side gate driver output. Connect to the gate of the high-side MOSFET or one end of
external gate resistor, when used.
8
BST
P
High-side gate driver positive supply rail. Connect the positive terminal of the bootstrap
capacitor to BST and the negative terminal of the bootstrap capacitor to SH. The bootstrap
capacitor must be placed as close to IC as possible.
(1)
For 8-pin WSON package, TI recommends that the exposed pad on the bottom of the package be soldered to ground plane on the
PCB and the ground plane must extend out from underneath the package to improve heat dissipation.
(2)
G = Ground, I = Input, O = Output, and P = Power
www.ti.com
LM2005
SNVSCB6B – FEBRUARY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com