Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87702-Q1 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702-Q1
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702-Q1 Datasheet(HTML) 58 Page - Texas Instruments

Back Button LP87702-Q1 Datasheet HTML 54Page - Texas Instruments LP87702-Q1 Datasheet HTML 55Page - Texas Instruments LP87702-Q1 Datasheet HTML 56Page - Texas Instruments LP87702-Q1 Datasheet HTML 57Page - Texas Instruments LP87702-Q1 Datasheet HTML 58Page - Texas Instruments LP87702-Q1 Datasheet HTML 59Page - Texas Instruments LP87702-Q1 Datasheet HTML 60Page - Texas Instruments LP87702-Q1 Datasheet HTML 61Page - Texas Instruments LP87702-Q1 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 99 page
background image
Table 8-30. PGOOD_CTRL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
EN_PGOOD_VMON2
R/W
0h
Enable powergood diagnostics for VMON2
0 – Disabled
1 – Enabled
(Default from OTP memory) Note: Changing this value during
operation may cause interrupt.
3
EN_PGOOD_VMON1
R/W
0h
Enable powergood diagnostics for VMON1
0 – Disabled
1 – Enabled
(Default from OTP memory) Note: Changing this value during
operation may cause interrupt.
2
EN_PGOOD_BOOST
R/W
0h
Enable powergood diagnostics for Boost
0 – Disabled
1 – Enabled
(Default from OTP memory) Note: Changing this value during
operation may cause interrupt.
1
EN_PGOOD_BUCK1
R/W
0h
Enable powergood diagnostics for Buck1
0 – Disabled
1 – Enabled
(Default from OTP memory) Note: Changing this value during
operation may cause interrupt.
0
EN_PGOOD_BUCK0
R/W
0h
Enable powergood diagnostics for Buck0
0 – Disabled
1 – Enabled
(Default from OTP memory) Note: Changing this value during
operation may cause interrupt.
8.6.1.1.21 PGOOD_LEVEL_1 Register (Offset = 14h) [reset = 0h]
PGOOD_LEVEL_1 is shown in Figure 8-39 and described in Table 8-31.
Return to Table 8-9.
Figure 8-39. PGOOD_LEVEL_1 Register
7
6
5
4
3
2
1
0
RESERVED
VMON1_WINDOW
VMON1_THRESHOLD
R/W-0h
R/W-0h
R/W-0h
Table 8-31. PGOOD_LEVEL_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R/W
0h
4-3
VMON1_WINDOW
R/W
0h
Overvoltage and undervoltage threshold levels for VMON1:
0x0 – ±2%
0x1 – ±3%
0x2 – ±4%
0x3 – ±6%
(Default from OTP memory)
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
www.ti.com
58
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com