Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA849 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
7.6 Typical Characteristics
at TA = 25°C, VS = VSOUT = ±15 V, VICM = VOCM = 0 V, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
Table 7-1. Table of Graphs
DESCRIPTION
FIGURE
Distribution of Offset Voltage (RTI), G = 16 V/V
Figure 7-1
Distribution of Offset Voltage Drift (RTI), G = 16 V/V
Figure 7-2
Distribution of Offset Voltage (RTI), G = 1 V/V
Figure 7-3
Distribution of Offset Voltage Drift (RTI), G = 1 V/V
Figure 7-4
Distribution of Offset Voltage (RTI), G = 0.125 V/V
Figure 7-5
Distribution of Offset Voltage Drift (RTI), G = 0.125 V/V
Figure 7-6
Distribution of Differential Gain Error, G = 16 V/V
Figure 7-7
Distribution of Differential Gain Error, G = 1 V/V
Figure 7-8
Gain Error vs Temperature, G = 1 V/V
Figure 7-9
Distribution of Differential Gain Error, G = 0.125 V/V
Figure 7-10
Distribution of Input Bias Current
Figure 7-11
Distribution of Input Bias Current, TA = 85°C
Figure 7-12
Input Bias Current vs Temperature
Figure 7-13
Input Bias Current vs Input Common-Mode Voltage
Figure 7-14
Distribution of Input Offset Current
Figure 7-15
Input Offset Current vs Temperature
Figure 7-16
Offset Voltage (RTI) vs Temperature, G = 16 V/V
Figure 7-17
Offset Voltage (RTI) vs Temperature
Figure 7-18
Offset Voltage (RTI) vs Temperature, G = 0.125 V/V
Figure 7-19
Offset Voltage (RTI) vs Input Common-Mode Voltage
Figure 7-20
CMRR Distribution, G = 16 V/V
Figure 7-21
CMRR Distribution, G = 1 V/V
Figure 7-22
CMRR Distribution, G = 0.125V/V
Figure 7-23
CMRR vs Frequency (RTI)
Figure 7-24
CMRR vs Frequency (Unbalanced)
Figure 7-25
Typical CMRR vs Temperature
Figure 7-26
Positive PSRR vs Frequency
Figure 7-27
Negative PSRR vs Frequency
Figure 7-28
PSRR Distribution, G = 16 V/V
Figure 7-29
PSRR Distribution, G = 1 V/V
Figure 7-30
PSRR Distribution, G = 0.125 V/V
Figure 7-31
Gain Nonlinearity, G = 16 V/V
Figure 7-32
Gain Nonlinearity, G = 1 V/V
Figure 7-33
Gain Nonlinearity, G = 0.125 V/V
Figure 7-34
Voltage Noise Spectral Density (RTI) vs Frequency
Figure 7-35
0.1-Hz to 10-Hz Voltage Noise (RTI), G = 16 V/V
Figure 7-36
0.1-Hz to 10-Hz Voltage Noise (RTI), G = 1 V/V
Figure 7-37
0.1-Hz to 10-Hz Voltage Noise (RTI), G = 0.125 V/V
Figure 7-38
Current Noise Spectral Density vs Frequency
Figure 7-39
Gain vs Frequency
Figure 7-40
Large-Signal Step Response vs Frequency
Figure 7-41
Small-Signal Step Response, G = 16 V/V
Figure 7-42
Small-Signal Step Response, G = 1 V/V
Figure 7-43
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com