Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021A-RI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB021A-RI
Description  2-megabit 2.7-volt Only Serial DataFlash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021A-RI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB021A-RI Datasheet HTML 1Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 2Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 3Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 4Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 5Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 6Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 7Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 8Page - ATMEL Corporation AT45DB021A-RI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
Features
• 100% Compatible to AT45D021
• Single 2.7V - 3.6V Supply
• Serial Interface Architecture
• Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 1024 Pages (264 Bytes/Page) Main Memory
• Optional Page and Block Erase Operations
• Two 264-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming of Nonvolatile Memory
• Continuous Read Capability through Entire Array
• Internal Program and Control Timer
• Low Power Dissipation
– 4 mA Active Read Current Typical
– 2 µA CMOS Standby Current Typical
• 13 MHz Max Clock Frequency
• Hardware Data Protection Feature
• Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3
• CMOS and TTL Compatible Inputs and Outputs
• Commercial and Industrial Temperature Ranges
Description
The AT45DB021A is a 2.7-volt only, serial interface Flash memory suitable for
in-system reprogramming. Its 2,162,688 bits of memory are organized as 1024 pages
of 264 bytes each. In addition to the main memory, the AT45DB021A also contains
two SRAM data buffers of 264 bytes each. The buffers allow receiving of data while a
page in the main memory is being reprogrammed. Unlike conventional Flash
2-megabit
2.7-volt Only
Serial
DataFlash®
AT45DB021A
Recommend using
AT45DB021B for new
designs.
Rev. 1642C–01/01
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Clock
SI
Serial Input
SO
Serial Output
WP
Hardware Page Write
Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
PLCC
Note: PLCC package pins 16
and 17 are DON’T CONNECT.
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
SCK
SI
SO
NC
NC
NC
NC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
NC
NC
NC
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RDY/BUSY
RESET
WP
NC
NC
VCC
GND
NC
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
VCC
NC
NC
WP
RESET
RDY/BUSY
NC
NC
NC
NC
NC
NC
NC
NC
(continued)


Similar Part No. - AT45DB021A-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021A ATMEL-AT45DB021A_14 Datasheet
421Kb / 28P
Optional Page and Block Erase Operations
More results

Similar Description - AT45DB021A-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45DB041 ATMEL-AT45DB041 Datasheet
209Kb / 18P
4-Megabit 2.7-volt Only Serial DataFlash
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
8-Megabit 2.7-volt Only Serial DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
8-megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
16-megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com